Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGU1E223MELB Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGU1E223MELB
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGU1E223MELB Datasheet(HTML) 1 Page - Nichicon corporation

  LGU1E223MELB Datasheet HTML 1Page - Nichicon corporation LGU1E223MELB Datasheet HTML 2Page - Nichicon corporation LGU1E223MELB Datasheet HTML 3Page - Nichicon corporation LGU1E223MELB Datasheet HTML 4Page - Nichicon corporation LGU1E223MELB Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
GU
series
Snap-in Terminal Type, Wide Temperature Range
Withstanding 3000 hours application of rated ripple current at
105°C.
Adapted to the RoHS directive (2002/95/EC).
Specifications
Type numbering system (Example : 200V 680µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ + 105°C (16 ~ 250V) , – 25 ~ +105°C (315 ~ 450V)
16 ~ 450V
47~ 47000µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After an application of DC voltage(in the range of rated DC
voltage even after over-lapping the specified ripple current) for
3000 hours at 105°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 105°C for
1000 hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the characteristic requirements listed at right.
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage (V)
Impedance ratio
ZT/Z20 (MAX.)
160~250
3
12
315~450
8
Dimension table in next page.
Drawing
Smaller
L
1
G
2
U
3
2
4
D
5
6
6
8
7
1
8
M
9
E
10
L
11
A
12
Configuration
Case dia. code
Capacitance tolerance (±20%)
Rated Capacitance (680µF)
Rated voltage (200V)
Series name
Type
fD
20
22
25
30
Code
Y
Z
A
B
35
C
10 ±
0.1
2-2f±0.1
(Terminal dimensions)
The other terminal is also available upon request.
Please refer page 237 for schematic of dimensions.
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
2
4.0 ± 0.5
Pressure relief vent
Sleeve (P.E.T.)
GU
GN
Frequency coefficient of rated ripple current
Frequency (Hz)
160~250V
315~450V
Coeff.
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
3 CV
Minimum order quantity : 50pcs.
16~100
4
20
0.88
0.90
1.00
1.07
1.15
1.15
1.15
16~100V
Rated voltage(V)
tan
δ (MAX.)
16
0.50
25
0.40
35
0.35
50
0.30
63
0.25
80 100
0.20
160~420
0.15
450
0.20
Low
Profile
GJ


Similar Part No. - LGU1E223MELB

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGU1E223MELB NICHICON-LGU1E223MELB Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1E223MELB NICHICON-LGU1E223MELB Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1E223MELB NICHICON-LGU1E223MELB Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1E223MELB NICHICON-LGU1E223MELB Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1E223MELB NICHICON-LGU1E223MELB Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGU1E223MELB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com