Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHV0J332MED Datasheet(PDF) 2 Page - Nichicon corporation

Part # UHV0J332MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHV0J332MED Datasheet(HTML) 2 Page - Nichicon corporation

  UHV0J332MED Datasheet HTML 1Page - Nichicon corporation UHV0J332MED Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
HV
series
ALUMINUM ELECTROLYTIC CAPACITORS
Standard ratings
100
150
220
330
470
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
101
151
221
331
471
681
821
102
122
152
182
222
272
332
392
472
562
682
822
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
8
× 15
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 35.5
16
× 20
16
× 25
0.23
0.10
0.10
0.059
0.059
0.043
0.043
0.046
0.031
0.030
0.019
0.017
0.016
0.016
0.014
0.012
0.011
0.014
0.012
0.76
0.33
0.33
0.181
0.181
0.133
0.133
0.143
0.105
0.095
0.057
0.051
0.041
0.041
0.036
0.031
0.029
0.036
0.033
360
460
550
900
990
1250
1360
1330
1550
1815
2160
2475
2500
2725
3190
3795
3925
3575
3990
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
8
× 15
10
× 16
10
× 16
8
× 20
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.043
0.043
0.046
0.030
0.030
0.031
0.019
0.017
0.016
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.133
0.133
0.143
0.095
0.095
0.105
0.057
0.051
0.041
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
820
990
1250
1360
1330
1650
1815
1550
2160
2475
2450
2725
3190
3795
3575
3925
3990
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
8
× 15
10
× 16
10
× 16
8
× 20
10
× 20
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.043
0.046
0.030
0.030
0.031
0.019
0.019
0.017
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.133
0.143
0.095
0.095
0.105
0.057
0.057
0.051
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
830
990
1360
1330
1650
1815
1550
1930
2160
2475
2725
3190
3795
3575
3925
3990
Cap.(µF)
V (Code)
6.3 (0J)
Case size
φ D
× L
(mm)
Case size
φ D
× L
(mm)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
Impedance (
Ω) MAX.
Impedance (
Ω) MAX.
20˚C / 100kHz
20˚C / 100kHz
20˚C / 100kHz
–10˚C / 100kHz
–10˚C / 100kHz
–10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
10 (1A)
16 (1C)
Item
Code
: In this case,
will be put at 12th digit of
type numbering system.
6
120Hz
1kHz
10kHz
100kHz
0.90
0.94
0.95
0.95
0.98
1.00
1.00
1.00
1.00
1.00
Cap. (µF)
Frequency
Frequency coefficient of rated ripple current
47 ~ 150
220 ~ 560
680 ~ 1800
2200 ~ 3900
4700 ~ 8200
0.75
0.85
0.87
0.90
0.95
0.40
0.50
0.60
0.75
0.85
47
68
100
150
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
470
680
101
151
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.059
0.046
0.043
0.031
0.030
0.019
0.017
0.016
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.181
0.143
0.133
0.105
0.095
0.057
0.051
0.041
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
810
900
990
1330
1360
1550
1815
2160
2475
2180
2725
3190
3795
3575
3925
3990
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.046
0.043
0.031
0.030
0.019
0.017
0.016
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.143
0.133
0.105
0.095
0.057
0.051
0.041
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
820
990
1330
1360
1550
1815
2160
2475
2725
2920
3190
3795
3575
3925
3990
Cap.(µF)
V (Code)
25 (1E)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz –10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
35 (1V)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz –10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code


Similar Part No. - UHV0J332MED

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHV0J332MHD NICHICON-UHV0J332MHD Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHV0J332MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com