Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGJ2F391MEL Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGJ2F391MEL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGJ2F391MEL Datasheet(HTML) 1 Page - Nichicon corporation

  LGJ2F391MEL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Within ±20% of initial value
Capacitance change
ALUMINUM ELECTROLYTIC CAPACITORS
GJ
series
Snap-in Terminal Type, Low-Profile Sized,
Wide Temperature Range
Withstanding 3000 hours application of rated ripple current at
105°C.
Ideally suited for flat design fo switching power supply.
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 200V 330µF)
GJ
Low
Profile
Low
Profile
GU
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +105°C (160 ~ 250V) , – 25 ~ +105°C (315 ~ 400V)
160 ~ 400V
39 ~ 680µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
0.15 MAX.
120Hz
20°C
Measurement frequency : 120Hz
After an application of DC voltage (in the range of rated DC voltage
even after over-lapping the specified ripple current) for 3000 hours
at 105°C, capacitors meet the characteristic requirements listed at
right.
After storing the capacitors under no load at 105°C for 1000
hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio ZT/Z20(MAX.)
160 ~ 250
3
12
315 400
8
Specifications
(Terminal dimensions)
The other terminal is also available upon request.
Please refer to page 237 for schematic of terminal dimensions.
(PC board hole dimensions)
L
1
G
2
J
3
2
4
D
5
3
6
3
7
1
8
M
9
E
10
L
11
B
12
Configuration
Case dia. code
Capacitance tolerancce (±20%)
Rated Capacitance (330µF)
Rated voltage (200V)
Series name
Type
fD
22
25
30
35
Code
Z
20
Y
A
B
C
10±
0.1
2-2f±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8 +0.2
-0.1
Polarity bar
10
20±2
4.0±0.5
Pressure relief vent
Sleeve (P.E.T.)
039
047
056
068
082
100
120
150
180
220
270
330
390
470
560
680
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
0.68
0.81
0.98
1.02
1.25
1.30
1.46
1.51
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
0.62
0.80
0.90
0.95
1.15
1.20
1.36
1.43
20
× 20
22
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
0.56
0.73
0.80
0.85
1.05
1.10
1.30
1.41
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
0.51
0.60
0.74
0.75
0.95
1.00
1.16
20
× 20
22
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
Case size
φ D × L (mm)
0.38
0.45
0.47
0.56
0.65
0.70
0.85
0.90
0.32
0.37
0.40
0.46
0.55
0.60
0.75
0.80
Rated
ripple
160V (2C)
180V (2Z)
200V (2D)
250V (2E)
315V (2F)
400V (2G)
Code
Dimensions
Rated Ripple (Arms) at 105°C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
160 ~ 250V
315 · 400V
Coeff.
50
60
120
300
1 k
10k~
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
V(Code)
Cap.(µF)
Leakage current
tan
δ
Initial specified value or less
200% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
Minimum order quantity : 50pcs.
3
CV
GJ(15)


Similar Part No. - LGJ2F391MEL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGJ2F391MELC NICHICON-LGJ2F391MELC Datasheet
70Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGJ2F391MEL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com