Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFG1E102MDM Datasheet(PDF) 2 Page - Nichicon corporation

Part # UFG1E102MDM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UFG1E102MDM Datasheet(HTML) 2 Page - Nichicon corporation

  UFG1E102MDM Datasheet HTML 1Page - Nichicon corporation UFG1E102MDM Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated Ripple (mArms) at 85°C 120Hz
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
0.10
× 12.5
10
× 20
12.5
× 250.
16
× 25
0.16
× 31.5
0.18
× 35.5
18
× 40
270
485
867
1135
1431
1810
2100
V
05
× 11
6.3
× 11.
0.08
× 11.5
0.10
× 12.5
10
× 16
12.5
× 200.
16
× 25
0.16
× 31.5
0.16
× 35.5
18
× 40
60
99
170
247
330
601
1047
1520
1840
2049
05
× 11
6.3
× 11.
0.8
× 11.5
0.10
× 12.5
10
× 16
10
× 20
12.5
× 250.
16
× 25
0.16
× 35.5
0.18
× 35.5
57
74
128
226
309
406
723
1290
1720
2140
05
× 11
6.3
× 11.
6.3
× 11.
0.08
× 11.5
10
× 16
10
× 20
12.5
× 20.0
16
× 25
0.16
× 35.5
18
× 40
50
70
85
140
260
351
476
854
1570
1794
6.3
× 11.
6.3
× 11.
0.8
× 11.5
0.10
× 12.5
10
× 20
12.5
× 200.
12.5
× 250.
16
× 25
0.18
× 35.5
60
75
101
176
320
446
590
1060
1840
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
6.3
× 11.
0.08
× 11.5
0.08
× 11.5
10
× 16
12.5
× 200.
12.5
× 200.
16
× 25
0.16
× 31.5
1.1
2.4
3.6
5.0
9.0
18
22
27
39
65
93
111
215
390
488
650
1143
50
35
25
16
10
6.3
1H
1V
1E
1C
1A
0J
Code
Cap.(µF)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
V
6.3
× 11.
0.08
× 11.5
0.08
× 11.5
0.10
× 12.5
10
× 20
12.5
× 200.
12.5
× 250.
16
× 25
0.18
× 35.5
50
85
105
140
255
420
541
840
1400
6.3
× 11.
11.8
× 11.5
0.10
× 12.5
10
× 16
12.5
× 20.0
12.5
× 25.0
.016
× 31.5
.016
× 35.5
055
100
130
170
270
490
650
920
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
05
× 11
0.08
× 11.5
0.10
× 12.5
10
× 16
10
× 20
12.5
× 200
16
× 25
0.16
× 31.5
0.18
× 35.5
2.3
5.5
8.0
10
15
22
27
36
65
110
150
190
300
549
734
980
100
80
63
2A
1K
1J
Code
Cap.(µF)
Rated
ripple
Case size
φD × L (mm)
FG
series
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
~47
100 ~ 470
1000 ~ 10000
50Hz
0.75
0.80
0.85
120Hz
1.00
1.00
1.00
300Hz
1.35
1.23
1.10
1kHz
1.57
1.34
1.13
10kHz ~
2.00
1.50
1.15


Similar Part No. - UFG1E102MDM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UFG1E102MHM NICHICON-UFG1E102MHM Datasheet
65Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UFG1E102MDM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com