Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHD0J332MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHD0J332MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHD0J332MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UHD0J332MHD Datasheet HTML 1Page - Nichicon corporation UHD0J332MHD Datasheet HTML 2Page - Nichicon corporation UHD0J332MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HD
series
High Ripple Low Impedance
Lower impedance at high frequency range.
Smaller case size and high ripple current.
Adapted to the RoHS directive (2002/95/EC).
Specifications
HD
HC
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Dimension table in next page.
Low
Impedance
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 10V 3300µF)
U
1
H
2
D
3
1
4
A
5
3
6
3
7
2
8
M
9
H
10
D
11 12
15MIN
4MIN
(mm)
f
D
P
f
d
10
5.0
0.6
5
2.0
0.5
12.5
5.0
16
7.5
0.6
0.8
6.3
2.5
0.5
0.6
8
3.5
Size code
Configuration
Series name
Type
Pressure
relief vent
fd
(f6.3up)
L+ MAX.
Capacitance tolerance (± 20%)
Rated Capacitance (3300mF)
Rated voltage (10V)
In case L > 25 for the f12.5 dia. unit, lead dia. f d = 0.8mm.
(L < 20) 1.5
(L 20) 2.0
f D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8á 10
PD
12.5 á16
HD
Configuration
Sleeve (P.E.T.)
Performance Characteristics
ltem
0.22
0.19
0.16
0.14
0.12
0.10
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Marking
– 40 ~ +105˚C
6.3 ~ 50V
22 ~ 6800µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan
δ (MAX.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25˚C / Z+20˚C
Z–40˚C / Z+20˚C
Impedance ratio
ZT / Z20 (MAX.)
6.3
10
16
25
35
50
222222
333333
6.3
10
16
25
35
50
After an application of D.C. bias voltage plus the rated ripple current for 5000 hours (
φD <= 6.3 : 2000 hours,
φD=8 : 3000 hours, φD=10 : 4000 hours) at 105˚C the peak voltage shall not exceed the rated D.C. voltage, capacitors
meet the characteristic requirements listed below.
Printed with white color letter on black sleeve.
Capacitance change
Within ± 25% of initial value
tan
δ
200% or less of initial specified value
Leakage current
lnitial specified value or less
120Hz
20˚C
120Hz
HV
Smaller
• Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - UHD0J332MHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UHD0J102MPR TI-UHD0J102MPR Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - UHD0J332MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com