Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHD1C222MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UHD1C222MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHD1C222MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UHD1C222MHD Datasheet HTML 1Page - Nichicon corporation UHD1C222MHD Datasheet HTML 2Page - Nichicon corporation UHD1C222MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HD
series
ALUMINUM ELECTROLYTIC CAPACITORS
: In this case,
will be put at 12th digit of type numbering system.
6
Standard ratings
100
150
220
330
470
560
680
820
1000
1200
1500
2200
3300
3900
4700
5600
6800
101
151
221
331
471
561
681
821
102
122
152
222
332
392
472
562
682
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 35.5
16
× 20
16
× 25
0.30
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.015
0.018
0.016
1.0
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.039
0.045
0.043
250
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3400
3140
3460
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.30
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
1.0
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
250
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
Cap.(µF)
V (Code)
6.3 (0J)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
10 (1A)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code
47
56
100
120
220
330
470
680
820
1000
1200
1500
1800
2200
2700
3300
3900
470
560
101
121
221
331
471
681
821
102
122
152
182
222
272
332
392
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.30
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
1.0
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
250
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16 × 25
0.30
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
1.0
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
250
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
Cap. (µF)
V (Code)
16 (1C)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
25 (1E)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code
CAT.8100V


Similar Part No. - UHD1C222MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHD1C102MPD NICHICON-UHD1C102MPD Datasheet
60Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHD1C222MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com