Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGG2C122MELA40 Datasheet(PDF) 3 Page - Nichicon corporation

Part # LGG2C122MELA40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGG2C122MELA40 Datasheet(HTML) 3 Page - Nichicon corporation

  LGG2C122MELA40 Datasheet HTML 1Page - Nichicon corporation LGG2C122MELA40 Datasheet HTML 2Page - Nichicon corporation LGG2C122MELA40 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
GG
series
390
470
560
680
820
1000
1200
1500
1800
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1200
1200
1300
1300
1400
1500
1400
1500
1700
1700
2000
2000
2000
2200
2200
2000
2300
2200
2300
2300
2500
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.93
0.93
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.50
1.64
1.64
1.83
1.83
2.01
LGG2E391MELZ30
LGG2E391MELA25
LGG2E471MELZ35
LGG2E471MELA30
LGG2E561MELZ40
LGG2E561MELA35
LGG2E561MELB25
LGG2E681MELZ45
LGG2E681MELA40
LGG2E681MELB30
LGG2E821MELA45
LGG2E821MELB35
LGG2E821MELC30
LGG2E102MELA50
LGG2E102MELB40
LGG2E102MELC30
LGG2E122MELB45
LGG2E122MELC35
LGG2E152MELB50
LGG2E152MELC40
LGG2E182MELC45
250V (2E)
120
180
220
270
330
390
470
560
680
820
1000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
680
730
730
850
850
1000
1000
1000
1150
1150
1150
1150
1400
1400
1550
1550
1550
1550
1630
1630
1800
1800
2000
2140
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.65
0.80
0.80
0.88
0.88
0.98
0.98
0.98
1.08
1.08
1.08
1.08
1.18
1.18
1.18
1.30
1.30
1.30
1.41
1.41
1.56
1.56
1.71
1.89
LGG2G121MELZ25
LGG2G181MELZ30
LGG2G181MELA25
LGG2G221MELZ35
LGG2G221MELA30
LGG2G271MELZ40
LGG2G271MELA35
LGG2G271MELB25
LGG2G331MELZ50
LGG2G331MELA40
LGG2G331MELB30
LGG2G331MELC25
LGG2G391MELA45
LGG2G391MELB35
LGG2G391MELC30
LGG2G471MELA50
LGG2G471MELB40
LGG2G471MELC30
LGG2G561MELB45
LGG2G561MELC35
LGG2G681MELB50
LGG2G681MELC40
LGG2G821MELC45
LGG2G102MELC50
400V (2G)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
120
150
180
220
270
330
390
470
560
680
22
× 30
22
× 35
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 45
810
840
820
850
910
950
1050
950
1150
1250
1250
1350
1420
1420
1450
1610
1450
1860
1700
1900
2050
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.67
0.75
0.75
0.82
0.82
0.91
0.91
0.91
1.01
1.01
1.01
1.11
1.11
1.11
1.21
1.21
1.21
1.33
1.33
1.45
1.60
LGGW6121MELZ30
LGGW6151MELZ35
LGGW6151MELA25
LGGW6181MELZ35
LGGW6181MELA30
LGGW6221MELZ40
LGGW6221MELA35
LGGW6221MELB25
LGGW6271MELZ50
LGGW6271MELA40
LGGW6271MELB30
LGGW6331MELA45
LGGW6331MELB35
LGGW6331MELC30
LGGW6391MELA50
LGGW6391MELB40
LGGW6391MELC30
LGGW6471MELB45
LGGW6471MELC35
LGGW6561MELC40
LGGW6681MELC45
420V (W6)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated Ripple (mArms) at 105°C 120Hz
Frequency coefficient of rated ripple current
Coeff.
Frequency (Hz)
160 ~ 250V
400 ~ 450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k~
1.50
1.43
Coeff.
Frequency (Hz)
400 ~ 450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k~
1.50
1.43
100
120
150
180
220
270
330
390
470
560
680
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
640
690
690
720
790
790
790
870
870
790
1050
1050
1050
1050
1200
1200
1200
1380
1380
1550
1550
1700
1910
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.63
0.69
0.69
0.77
0.77
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.04
1.15
1.15
1.15
1.25
1.25
1.37
1.37
1.50
1.65
LGG2W101MELZ25
LGG2W121MELZ30
LGG2W121MELA25
LGG2W151MELZ35
LGG2W151MELA30
LGG2W181MELZ40
LGG2W181MELA30
LGG2W221MELZ45
LGG2W221MELA35
LGG2W221MELB30
LGG2W271MELZ50
LGG2W271MELA40
LGG2W271MELB30
LGG2W271MELC25
LGG2W331MELA50
LGG2W331MELB35
LGG2W331MELC30
LGG2W391MELB40
LGG2W391MELC35
LGG2W471MELB45
LGG2W471MELC40
LGG2W561MELC45
LGG2W681MELC50
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)


Similar Part No. - LGG2C122MELA40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGGT670-JO SIEMENS-LGGT670-JO Datasheet
490Kb / 8P
   Multi TOPLED
LGGT672-NO SIEMENS-LGGT672-NO Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
More results

Similar Description - LGG2C122MELA40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com