Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGX2D102MELB35 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGX2D102MELB35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGX2D102MELB35 Datasheet(HTML) 2 Page - Nichicon corporation

  LGX2D102MELB35 Datasheet HTML 1Page - Nichicon corporation LGX2D102MELB35 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Minimum order quantity : 50pcs.
Frequency coefficient of rated ripple current
Frequency (Hz)
400 450V
Coeff.
50
60
120
300
1k
10k
50k~
0.77
0.82
1.00
1.16
1.30
1.41
1.43
0.81
0.85
1.00
1.17
1.32
1.45
1.50
200 250V
GX
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
330
390
470
560
680
820
1000
1200
1500
1800
2200
22
× 25
22
× 30
22
× 35
25
× 25
22
× 35
22
× 40
25
× 35
30
× 30
22
× 50
25
× 40
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1100
1380
1550
1390
1550
1730
1870
1980
2180
2090
2350
2220
2610
2400
2530
2880
3000
3080
3740
3900
0.77
0.83
0.91
0.91
1.00
1.10
1.10
1.10
1.21
1.21
1.34
1.34
1.34
1.46
1.46
1.46
1.64
1.64
1.80
1.98
LGX2D331MELZ25
LGX2D391MELZ30
LGX2D471MELZ35
LGX2D471MELA25
LGX2D561MELZ35
LGX2D681MELZ40
LGX2D681MELA35
LGX2D681MELB30
LGX2D821MELZ50
LGX2D821MELA40
LGX2D102MELA45
LGX2D102MELB35
LGX2D102MELC30
LGX2D122MELA50
LGX2D122MELB40
LGX2D122MELC35
LGX2D152MELB50
LGX2D152MELC40
LGX2D182MELC45
LGX2D222MELC50
200V (2D)
270
330
390
470
560
680
820
1000
1200
1500
1800
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 35
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1010
1200
1320
1440
1430
1620
1600
1510
1800
1780
1830
2000
2000
2060
1910
2150
2060
2150
2330
2380
2680
2720
3050
3300
0.77
0.86
0.86
0.93
0.93
1.02
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.64
1.64
1.83
2.01
LGX2E271MELZ25
LGX2E331MELZ30
LGX2E331MELA25
LGX2E391MELZ35
LGX2E391MELA30
LGX2E471MELZ40
LGX2E471MELA35
LGX2E471MELB25
LGX2E561MELZ45
LGX2E561MELA35
LGX2E561MELB30
LGX2E681MELZ50
LGX2E681MELA40
LGX2E681MELB35
LGX2E681MELC25
LGX2E821MELA45
LGX2E821MELB35
LGX2E821MELC30
LGX2E102MELB40
LGX2E102MELC35
LGX2E122MELB50
LGX2E122MELC40
LGX2E152MELC45
LGX2E182MELC50
250V (2E)
100
120
150
180
220
270
330
390
470
560
680
22
× 25
22
× 30
22
× 35
25
× 25
22
× 35
25
× 30
30
× 25
22
× 45
25
× 35
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 45
660
750
860
860
860
970
1020
1090
1120
1230
1260
1270
1220
1300
1430
1440
1600
1520
1810
1670
1900
2120
0.60
0.65
0.73
0.73
0.80
0.80
0.80
0.88
0.88
0.98
0.98
0.98
0.98
1.08
1.08
1.18
1.18
1.18
1.30
1.30
1.41
1.56
LGX2G101MELZ25
LGX2G121MELZ30
LGX2G151MELZ35
LGX2G151MELA25
LGX2G181MELZ35
LGX2G181MELA30
LGX2G181MELB25
LGX2G221MELZ45
LGX2G221MELA35
LGX2G271MELZ50
LGX2G271MELA40
LGX2G271MELB30
LGX2G271MELC25
LGX2G331MELA45
LGX2G331MELB35
LGX2G391MELA50
LGX2G391MELB40
LGX2G391MELC30
LGX2G471MELB45
LGX2G471MELC35
LGX2G561MELC40
LGX2G681MELC45
400V (2G)
82
100
120
150
180
220
270
330
390
470
560
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
35
× 25
25
× 40
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
590
690
700
770
880
880
880
930
900
920
1030
1100
1030
1170
1100
1310
1330
1240
1510
1390
1670
1730
1830
1980
1.57
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LGX2W820MELZ25
LGX2W101MELZ30
LGX2W101MELA25
LGX2W121MELZ35
LGX2W121MELA30
LGX2W151MELZ40
LGX2W151MELA30
LGX2W151MELB25
LGX2W181MELZ45
LGX2W181MELA35
LGX2W181MELB30
LGX2W181MELC25
LGX2W221MELA40
LGX2W221MELB35
LGX2W221MELC25
LGX2W271MELA50
LGX2W271MELB40
LGX2W271MELC30
LGX2W331MELB45
LGX2W331MELC35
LGX2W391MELB50
LGX2W391MELC40
LGX2W471MELC45
LGX2W561MELC50
450V (2W)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated
ripple
(
mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated Ripple (mArms) at 105°C 120Hz
CAT.8100V-1


Similar Part No. - LGX2D102MELB35

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGX2WAS-521E-A01 LIGITEK-LGX2WAS-521E-A01 Datasheet
370Kb / 12P
   High Power Light LED
More results

Similar Description - LGX2D102MELB35

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com