Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QM200HA-HK Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM200HA-HK
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM200HA-HK Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM200HA-HK Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM200HA-HK Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM200HA-HK Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM200HA-HK Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM200HA-HK Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
3
10
2
10
1
10
0
10
0
10
1
10
0
10
–1
10
–2
10
–3
10
3
10
2
10
1
10
0
10
0
10
1
10
2
10
3
10
400
100
0
0
200
800
300
200
400
600
IB2=–8A
Tj=125°C
IB2=–3A
100
300
500
700
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
TC=25°C
50µ
S
7
5
4
3
2
1
10
7
5
4
3
2
–1
10
23 4 5 7
0
10
23 4 5 7
1
10
VCC=300V
Tj=25°C
Tj=125°C
tf
ts
7
0
10
7
2
IB1=4A
IC=200A
7
5
3
2
7
5
3
2
7
5
3
2
1.6
0.4
0.8
1.2
2.0
0
Tj=25°C
Tj=125°C
7
5
3
2
7
5
3
2
7
5
3
2
0.16
0.12
0.10
0.04
0
44
4
23 45 7
0.06
0.14
0.08
0.02
100
90
60
40
20
0
0
160
20
40
60
80 100 120 140
80
10
70
50
30
NON–REPETITIVE
COLLECTOR
DISSIPATION
SECOND
BREAKDOWN
AREA
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM200HA-HK
HIGH POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM200HA-HK

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM200HA-24 MITSUBISHI-QM200HA-24 Datasheet
67Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200HA-2H MITSUBISHI-QM200HA-2H Datasheet
65Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM200HA-HK

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com