Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTRS-7810ACG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-7810ACG
Description  1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-7810ACG Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-7810ACG Datasheet HTML 1Page - Optoway Technology Inc BTRS-7810ACG Datasheet HTML 2Page - Optoway Technology Inc BTRS-7810ACG Datasheet HTML 3Page - Optoway Technology Inc BTRS-7810ACG Datasheet HTML 4Page - Optoway Technology Inc BTRS-7810ACG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
BTRS-7810CG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005
V2.0
1
BTRS-7810CG / BTRS-7810C-SPG / BTRS-7810ACG / BTRS-7810AC-SPG
1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Bi-Directional Single-Fiber Transceiver
l Compliant with IEEE 802.3ah 1000BASE-BX10
l 1310 nm LD Transmitter
l 1490 nm Receiver
l 1550 nm Enhanced Band Block
l Link distance up to 10 km
l Industry Standard 1 x 9 Footprint
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: BTRS-7810CG
l -20 to 85oC Operating: BTRS-7810ACG
l LVPECL Differential Inputs and Outputs
l LVTTL Signal Detect Output
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The BTRS-7810CG series is high performance module for
single fiber communications by using 1310 nm transmitter
and 1490 nm receiver. This module is equipped with
3W-TRX
TM OE device to reject 1.55 um high power
video signal. The transmitter section uses a multiple
quantum well laser
and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section is designed to receive 1490 nm and block
1550 nm signal. This feature is suitable for
IEEE 802.3ah
1000BASE-BX10 and ITU-T 983.3 application. The
receiver section uses an integrated 1490 nm detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC. A PECL logic interface
simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
IEEE
802.3ah
1000BASE
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTRS-7810CG
BX10
1.25
10
1310
1490
3.3
SC, 2X5
0 to 70
-3 to -9
-20
Yes
BTRS-7810ACG
BX10
1.25
10
1310
1490
3.3
SC, 2X5
-20 to 85
-3 to -9
-20
Yes
Note: 1. BTRS-XXXXXG is SC/PC receptacle type package with standard case
2. BTRS-XXXXXEG is SC/PC eceptacle type package with extended case
3. BTRS-XXXXX-APBBBG is pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.


Similar Part No. - BTRS-7810ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7810ACG OPTOWAY-BTRS-7810ACG Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-7810ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7940CG OPTOWAY-BTRS-7940CG Datasheet
118Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7820CG OPTOWAY-BTRS-7820CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7840CG OPTOWAY-BTRS-7840CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7820CG OPTOWAY-BTRS-7820CG Datasheet
121Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7940CG OPTOWAY-BTRS-7940CG_09 Datasheet
119Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7960CG OPTOWAY-BTRS-7960CG Datasheet
119Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7810CG OPTOWAY-BTRS-7810CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7860CG OPTOWAY-BTRS-7860CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7910CG OPTOWAY-BTRS-7910CG_09 Datasheet
119Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7920CG OPTOWAY-BTRS-7920CG_09 Datasheet
119Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com