Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTRS-7720ACG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-7720ACG
Description  1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-7720ACG Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-7720ACG Datasheet HTML 1Page - Optoway Technology Inc BTRS-7720ACG Datasheet HTML 2Page - Optoway Technology Inc BTRS-7720ACG Datasheet HTML 3Page - Optoway Technology Inc BTRS-7720ACG Datasheet HTML 4Page - Optoway Technology Inc BTRS-7720ACG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
BTRS-7720CG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
1
BTRS-7720CG / BTRS-7720ACG
1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Single Fiber Bi-Directional Transceiver
l 1550 nm DFB LD Transmitter
l 1310 nm Receiver
l 14 dB Link Power Budget At Least
l Distance Up to 20 km
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: BRS-7720CG
l -20 to 85oC Operating: BRS-7720ACG
l Speed up to 1300 Mbps
l LVTTL Signal Detect Output
l PECL Differential Inputs and Outputs
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The BTRS-7720CG series is high performance module for
single fiber communications by using 1550 nm transmitter
and 1310 nm receiver. The transmitter section uses a
multiple quantum well 1550 nm DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated 1310
nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. A PECL logic
interface simplifies interface to external circuitry. LV-TTL
Signal Detect is used.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTRS-7720CG
1.25
20
1550 DFB
1310
3.3
SC, 2X5
0 to 70
-3 to -8
-22
Yes
BTRS-7720ACG
1.25
20
1550 DFB
1310
3.3
SC, 2X5
-20 to 85
-3 to -8
-22
Yes
Note: 1. BTRS-XXXXXG is SFF SC receptacle type package.
2. BTRS-XXXXX-APBBBG is SFF pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
BTRS-7720CG/ air flow 1m/sec
BTRS-7720ACG/air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-20
70
85
oC / BTRS-7720CG
oC / BTRS-7720ACG
Data Rate
1250
1300
Mb/s
Power Supply Current
Icc
280
mA


Similar Part No. - BTRS-7720ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7720ACG OPTOWAY-BTRS-7720ACG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-7720ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7640CG OPTOWAY-BTRS-7640CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7720CG OPTOWAY-BTRS-7720CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7740CG OPTOWAY-BTRS-7740CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7640CG OPTOWAY-BTRS-7640CG_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7740CG OPTOWAY-BTRS-7740CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7760CG OPTOWAY-BTRS-7760CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7660CG OPTOWAY-BTRS-7660CG Datasheet
117Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7620CG OPTOWAY-BTRS-7620CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7760CG OPTOWAY-BTRS-7760CG Datasheet
117Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7660CG OPTOWAY-BTRS-7660CG_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7710CG OPTOWAY-BTRS-7710CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com