Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84-C6V2 Datasheet(PDF) 3 Page - TRANSYS Electronics Limited

Part # BZX84-C6V2
Description  SILICON PLANAR VOLTAGE REGULATOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BZX84-C6V2 Datasheet(HTML) 3 Page - TRANSYS Electronics Limited

  BZX84-C6V2 Datasheet HTML 1Page - TRANSYS Electronics Limited BZX84-C6V2 Datasheet HTML 2Page - TRANSYS Electronics Limited BZX84-C6V2 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZX84
working voltage
differential
temperature coefficient
differential
resistance
resistance
VZ (V)*
rdiff (
Ω)SZ (mV/K)
rdiff (
Ω)
at IZtest = 5 mA at IZtest = 5 mA
at IZtest = 5 mA
at IZ = 1 mA
min.
max.
typ.
max.
min.
typ.
max.
typ.
max.
BZX84-
C3V3
3.10
3.50
85
95
–3.5
–2.4
0
350
600
C3V6
3.40
3.80
85
90
–3.5
–2.4
0
375
600
C3V9
3.70
4.10
85
90
–3.5
–2.5
0
400
600
C4V3
4.00
4.60
80
90
–3.5
–2.5
0
410
600
C4V7
4.40
5.00
50
80
–3.5
–1.4
0.2
425
500
C5V1
4.80
5.40
40
60
–2.7
–0.8
1.2
400
480
C5V6
5.20
6.00
15
40
–2.0
1.2
2.5
80
400
C6V2
5.80
6.60
6
10
0.4
2.3
3.7
40
150
C6V8
6.40
7.20
6
15
1.2
3.0
4.5
30
80
C7V5
7.00
7.90
6
15
2.5
4.0
5.3
30
80
C8V2
7.70
8.70
6
15
3.2
4.6
6.2
40
80
C9V1
8.50
9.60
6
15
3.8
5.5
7.0
40
100
C10
9.40
10.60
8
20
4.5
6.4
8.0
50
150
C11
10.40
11.60
10
20
5.4
7.4
9.0
50
150
C12
11.40
12.70
10
25
6.0
8.4
10.0
50
150
C13
12.40
14.10
10
30
7.0
9.4
11.0
50
170
C15
13.80
15.60
10
30
9.2
11.4
13.0
50
200
C16
15.30
17.10
10
40
10.4
12.4
14.0
50
200
C18
16.80
19.10
10
45
12.4
14.4
16.0
50
225
C20
18.80
21.20
15
55
14.4
16.4
18.0
60
225
C22
20.80
23.30
20
55
16.4
18.4
20.0
60
250
C24
22.80
25.60
25
70
18.4
20.4
22.0
60
250
at IZtest = 2 mA at IZtest = 2 mA
at IZtest = 2 mA
at IZ = 0.5 mA
BZX84-
C27
25.10
28.90
25
80
21.4
23.4
25.3
65
300
C30
28.00
32.00
30
80
24.4
26.6
29.4
70
300
C33
31.00
35.00
35
80
27.4
29.7
33.4
75
325
C36
34.00
38.00
35
90
30.4
33.0
37.4
80
350
C39
37.00
41.00
40
130
33.4
36.4
41.2
80
350
C43
40.00
46.00
45
150
37.6
41.2
46.6
85
375
C47
44.00
50.00
50
170
42.0
46.1
51.8
85
375
* Pulse test 20 ms
≤ tp ≤ 50 ms
BZX84C series


Similar Part No. - BZX84-C6V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-C6V2 PHILIPS-BZX84-C6V2 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-C6V2 GE-BZX84-C6V2 Datasheet
396Kb / 9P
   Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX84-C6V2 DAESAN-BZX84-C6V2 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-C6V2 NXP-BZX84-C6V2 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-C6V2 NXP-BZX84-C6V2 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Similar Description - BZX84-C6V2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BZV49 ZETEX-BZV49 Datasheet
16Kb / 2P
   SOT89 SILICON PLANAR VOLTAGE REGULATOR DIODES
BZX84 ZETEX-BZX84 Datasheet
36Kb / 3P
   SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
New Jersey Semi-Conduct...
1N3506 NJSEMI-1N3506 Datasheet
119Kb / 1P
   SILICON VOLTAGE-REGULATOR DIODES
logo
List of Unclassifed Man...
FMMZ5232 ETC-FMMZ5232 Datasheet
31Kb / 2P
   SOT23 SILICON VOLTAGE REGULATOR DIODES
logo
Vishay Siliconix
BAQ33 VISHAY-BAQ33 Datasheet
48Kb / 3P
   Silicon Planar Diodes
Rev. 1.7, 09-Dec-05
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148 Datasheet
171Kb / 2P
   Silicon Planar Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
   Silicon Planar Diodes
Rev. 2, 01-Apr-99
BAQ333 VISHAY-BAQ333 Datasheet
54Kb / 4P
   Silicon Planar Diodes
Rev. 2.1, 01-Aug-12
BAQ133 VISHAY-BAQ133 Datasheet
51Kb / 3P
   Silicon Planar Diodes
Rev. 1.8, 31-Jul-12
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
   Silicon Planar Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com