Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBT1E470MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UBT1E470MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBT1E470MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UBT1E470MPD Datasheet HTML 1Page - Nichicon corporation UBT1E470MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
V(Code)
63 (1J)
80 (1K)
100 (2A)
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
4.7
10
22
33
47
100
220
330
470
4R7
100
220
330
470
101
221
331
471
8
× 11.5
8
× 11.5
10
× 12.5
10
×16
12.5
× 20
12.5
× 25
12.5
× 31.5
2.00
1.50
0.59
0.41
0.16
0.12
0.097
130
150
530
690
1050
1290
1460
Cap..
(µF)
Code
Item
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
12.5
× 31.5
16
× 25
1.50
0.80
0.80
0.39
0.18
0.16
0.11
150
480
480
790
1240
1390
1500
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
2.00
1.50
0.80
0.80
0.55
0.25
0.11
0.079
130
150
480
480
630
990
1500
1790
Rated Ripple (mArms) at 125°C 100kHz
Impedance (
Ω) MAX. at 20°C 100kHz
BT
series
Frequency coefficient of rated ripple current
Frequency
CV
1000 > CV
1000
CV
120Hz
0.50
0.67
V
10
~ 100
300Hz
0.64
0.79
1kHz
0.83
0.91
10kHz ~
1.00
1.00
Rated Ripple (mArms) at 125°C 120Hz
10
× 20
10
× 25
12.5
× 20
12.5
× 25
16
× 20
16
× 25
178
126
157
204
250
329
10
× 20
10
× 25
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
Case size
φD × L
(mm)
160 (2C)
200 (2D)
250 (2E)
350 (2V)
400 (2G)
450 (2W)
V(Code)
Cap. Code
Rated
ripple
(mArms)
Rated
ripple
(mArms)
Rated
ripple
(mArms)
Rated
ripple
(mArms)
Rated
ripple
(mArms)
Rated
ripple
(mArms)
Case size
φD × L
(mm)
Case size
φD × L
(mm)
Case size
φD × L
(mm)
Case size
φD × L
(mm)
Case size
φD × L
(mm)
4.7
10
22
33
47
68
100
150
4R7
100
220
330
470
680
101
151
115
154
187
245
329
434
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
178
128
171
225
292
10
× 20
10
× 25
12.5
× 25
16
× 25
16
× 31.5
153
185
139
189
243
10
× 20
10
× 25
12.5
× 31.5
16
× 25
16
× 31.5
153
186
142
189
243
10
× 25
12.5
× 20
16
× 25
16
× 31.5
158
186
154
203
4.7 ~ 330
.47 ~ 150
50Hz
0.75
0.80
V
160
~ 450
120Hz
1.00
1.00
300Hz
1.25
1.15
1kHz
1.50
1.30
10kHz
1.75
1.40
100kHz
1.80
1.50
Frequency coefficient of rated ripple current
Item
Wider range of rating.
Dimensions
V (Code)
10 (1A)
16 (1C)
25 (1E)
35 (1V)
50 (1H)
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
0.26
0.15
0.10
0.057
0.033
0.024
0.020
340
620
680
1100
1750
2300
2710
Cap..
(µF)
Code
Item
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
18
× 31.5
0.32
0.15
0.10
0.075
0.042
0.024
0.020
0.018
340
620
680
945
1490
2300
2710
3270
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 31.5
18
× 31.5
0.13
0.10
0.075
0.057
0.033
0.020
0.017
500
680
945
1100
1750
2710
3310
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
18
× 35.5
0.15
0.094
0.075
0.058
0.031
0.025
620
790
950
1330
2010
2790
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
2.00
1.80
1.50
1.15
0.75
0.50
0.45
0.35
0.18
0.098
0.070
0.055
0.031
35
50
60
85
180
250
300
440
555
930
1330
1650
2430
Frequency
Cap. (µF)


Similar Part No. - UBT1E470MPD

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
UBT10.0 CLARE-UBT10.0 Datasheet
92Kb / 3P
   HIGH-SPEED TRANSIENT SURGE PROTECTORS
UBT12.0 CLARE-UBT12.0 Datasheet
92Kb / 3P
   HIGH-SPEED TRANSIENT SURGE PROTECTORS
UBT15.0 CLARE-UBT15.0 Datasheet
92Kb / 3P
   HIGH-SPEED TRANSIENT SURGE PROTECTORS
logo
Nichicon corporation
UBT1H100MPD NICHICON-UBT1H100MPD Datasheet
54Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBT1H331MHD NICHICON-UBT1H331MHD Datasheet
59Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBT1E470MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com