Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX33 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BDX33
Description  NPN/PNP PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BDX33 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BDX33 Datasheet HTML 1Page - TRANSYS Electronics Limited BDX33 Datasheet HTML 2Page - TRANSYS Electronics Limited BDX33 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN/PNP PLASTIC POWER TRANSISTORS
BDX33, 33A, 33B, 33C, 33D
BDX34, 34A, 34B, 34C, 34D
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST
BDX33
BDX33A BDX33B BDX33C BDX33D
UNIT
CONDITION
BDX34 BDX34A BDX34B BDX34C BDX34D
Emitter-Cut off Current
IEBO
VEB=5V, IC=O
<10
<10
<10
<10
<10
mA
Collector Emitter
VCE(Sat)*IC=4A, IB=8mA
<2.5
<2.5
V
Saturation Voltage
IC=3A, IB=6mA
<2.5
<2.5
<2.5
V
Base Emitter on Voltage
VBE(on)*IC=4A, VCE=3V,
<2.5V
<2.5
V
IC=3A, VCE=3V
<2.5
<2.5
<2.5
V
DC Current Gain
hFE*IC=4A, VCE=3V
>750
>750
-
-
-
IC=3A, VCE=3V
>750
>750
>750
Diode Forward Voltage
VF
IC=8A
ALL
<4
V
SECOND BREAKDOWN
Secondbreakdown
Collector Current
With Base Forward
IS/b**
VCE=25V,
Biased (non-repetitive)
BDX33 Series
>2.8
A
VCE=20V,
BDX34 Series
>3.5
A
VCE=36V,
BDX33 Series
>1.0
A
VCE=33V,
BDX34 Series
>1.0
A
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST
UNIT
CONDITION
min
max
DYNAMIC CHARACTERISTICS
Small- Signal
| hfe |Ic=1A,VCE=5V,
Current Gain
f=1MHz
1000
Output Capacitance
Cob
VCB=10V,IE=0,
f=1MHz
BDX33 series
200
pF
BDX34 series
300
Transition Frequency
fT
VCE=5V, IC=1A,
f=1MHz
ALL
3.0
MHZ
*Pulse Test:- Pulse Width<300
µs, Duty Cycle=<2%
**Pulse Test non- repetitive : Pulse Width=0.25s
VALUE


Similar Part No. - BDX33

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
912Kb / 4P
   NPN Silicon Power Darlingtons
logo
Power Innovations Ltd
BDX33 POINN-BDX33 Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDX33 NJSEMI-BDX33 Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
More results

Similar Description - BDX33

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413 Datasheet
1Mb / 5P
   NPN - PNP Plastic-Encapsulated Transistors
logo
TECH PUBLIC Electronics...
TPMMDT5451 TECHPUBLIC-TPMMDT5451 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT4413 MCC-MMDT4413 Datasheet
385Kb / 6P
   NPN/PNP Plastic-Encapsulate Transistors
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451_13 Datasheet
446Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
TPMMDT3946 TECHPUBLIC-TPMMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com