Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTRS-5640A-SPG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # BTRS-5640A-SPG
Description  1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-5640A-SPG Datasheet(HTML) 4 Page - Optoway Technology Inc

  BTRS-5640A-SPG Datasheet HTML 1Page - Optoway Technology Inc BTRS-5640A-SPG Datasheet HTML 2Page - Optoway Technology Inc BTRS-5640A-SPG Datasheet HTML 3Page - Optoway Technology Inc BTRS-5640A-SPG Datasheet HTML 4Page - Optoway Technology Inc BTRS-5640A-SPG Datasheet HTML 5Page - Optoway Technology Inc BTRS-5640A-SPG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Optoway
BTRS-5640G
*********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw 10/1/2005 V3.0
RECOMMENDED CIRCUIT SCHEMATIC
1) Recommended DC Coupled Interface Circuit
U1
SFF2X5
terminate in transceiver inputs
100R
TDis(LVTTL)
MICROSTRIP2
Z=5OR
MICROSTRIP1
Z=50R
L1
1uH
C2
10uF
C1
10nF
C6
10uF
C5
10nF
Vcc3.3V
R3
130R
R4
130R
L2
1uH
C4
10uF
C3
10nF
MICROSTRIP4
Z=5OR
MICROSTRIP3
Z=50R
R1
150R
R2
150R
R6
130R
R7
82R
Vcc3.3V
R5
100R
Terminate at device input
PHY DEVICE
TD-
TD+
RD+
RD-
SD
Vcc3.3V
Vcc3.3V
LVPECL
LVPECL
2) Recommended AC Coupled Interface Circuit
U2
SFF2X5
TDis(LVTTL)
MICROSTRIP6
Z=5OR
MICROSTRIP5
Z=50R
L3
1uH
C10
10uF
C9
10nF
C16
10uF
C15
10nF
Vcc3.3V
R14
130R
R15
130R
L4
1uH
C12
10uF
C11
10nF
MICROSTRIP8
Z=5OR
MICROSTRIP7
Z=50R
R12
150R
R13
150R
R20
130R
R21
82R
Vcc3.3V
PHY DEVICE
TD-
TD+
RD+
RD-
SD
C7
100nF
C8
100nF
R11
130R
R10
130R
R9
82R
R8
82R
Vcc3.3V
C13
100nF
C14
100nF
R16
130R
R17
82R
Vcc3.3V
R18
130R
R19
82R
Vcc3.3V
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
Terminate in Tranceiver inputs


Similar Part No. - BTRS-5640A-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5640A-SPG OPTOWAY-BTRS-5640A-SPG Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-5640A-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5740G OPTOWAY-BTRS-5740G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720G OPTOWAY-BTR-5720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5740G OPTOWAY-BTR-5740G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5740G OPTOWAY-BTRS-5740G_09 Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5620G OPTOWAY-BTR-5620G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5640G OPTOWAY-BTR-5640G Datasheet
109Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5720G OPTOWAY-BTRS-5720G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com