Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCA2D330MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCA2D330MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCA2D330MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UCA2D330MHD Datasheet HTML 1Page - Nichicon corporation UCA2D330MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
CA
series
Miniature Sized, High Ripple Current, Long Life
High ripple current and Long Life product withstanding load
life of 12000 hours(10000 hours for
φD=10) at +105°C.
Suited for ballast application.
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
C
2
A
3
2
4
E
5
1
6
0
7
1
8
M
910 11
Capacitance tolerance (±20%)
Rated Capacitance (100µF)
Rated voltage (250V)
H D
12
T
Size code
Series name
Type
BD
P
10
5.0
12.5
5.0
16
7.5
18
7.5
Bd
0.6
0.6
0.8
0.8
L +1.5MAX.
15 MIN
4 MIN
Radial Lead Type
Sleeve (P.E.T.)
Bd
Pressure
relief vent
Type numbering system (Example : 250V 100µF)
Configuration
B D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
Configuration
(mm)
Dimension table in next page.
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 25 ~ +105°C
160 ~ 450V
6.8 ~ 220µF
± 20% at 120Hz, 20°C
After 1 minutes' application of rated voltage, leakage current is not more than 0.04CV+100 (µA)
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Measurement frequency : 120Hz
Capacitance change
Leakage current
After an application of D.C. bias voltage plus the rated ripple
current for 12000 hours (10000 hours for
φD =10) at 105°C
the peak voltage shall not exceed the rated D.C. voltage,
capacitors meet the characteristic requirements listed at right.
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
Z–25°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
160
3
200
3
250
3
350
6
400
6
450
6
Measurement frequency : 120Hz, Temperature : 20°C
Rated voltage (V)
tan
δ (MAX.)
160
0.15
200
0.15
250
0.15
400
0.20
450
0.20
350
0.20
CA
PB Long Life
CS
Smaller
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UCA2D330MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCA2C220MPD NICHICON-UCA2C220MPD Datasheet
51Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCA2E100MPD NICHICON-UCA2E100MPD Datasheet
51Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCA2D330MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com