Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTRS-5620G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-5620G
Description  1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-5620G Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-5620G Datasheet HTML 1Page - Optoway Technology Inc BTRS-5620G Datasheet HTML 2Page - Optoway Technology Inc BTRS-5620G Datasheet HTML 3Page - Optoway Technology Inc BTRS-5620G Datasheet HTML 4Page - Optoway Technology Inc BTRS-5620G Datasheet HTML 5Page - Optoway Technology Inc BTRS-5620G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
BTRS-5620G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V3.0
1
BTRS-5620G / BTRS-5620-SPG / BTRS-5620AG / BTRS-5620A-SPG
1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Single Fiber Bi-Directional SFF Transceiver
l 1310 nm Transmitter
l 1550 nm Receiver
l Distance Up to 20 km
l Single +3.3 V Power Supply
l Speed up to 650 Mb/s
l RoHS Compliant
l PECL Differential Inputs and Outputs
l 0 to 70oC Operating Temperature: BTR-5620G
l -20 to 85oC Operating Temperature: BTR-5620AG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l WDM 622 Mb/s Links
l SONET/SDH Equipment Interconnect
l Fast Ethernet & Fiber Channel Links
DESCRIPTION
The BTRS-5620G series is high performance module for
single fiber communications by using 1310 nm transmitter
and 1550 nm receiver. The transmitter section uses a
multiple quantum well laser and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated 1550 nm detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC. A PECL logic interface
simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTRS-5620G
622
20
1310
1550
3.3
2X5 SC
0 to 70
-8 to -14
-28
Yes
BTRS-5620AG
622
20
1310
1550
3.3
2X5 SC
-20 to 85
-8 to -14
-28
Yes
Note: 1. BTRX-XXXXXG is receptacle type package with standard case
2. BTRX-XXXXXEG is receptacle type package with extended case
3. BTRX-XXXXX-APBBBG is pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.


Similar Part No. - BTRS-5620G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5620G OPTOWAY-BTRS-5620G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-5620G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5740G OPTOWAY-BTRS-5740G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720G OPTOWAY-BTR-5720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5740G OPTOWAY-BTR-5740G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5740G OPTOWAY-BTRS-5740G_09 Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5620G OPTOWAY-BTR-5620G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5640G OPTOWAY-BTR-5640G Datasheet
109Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5720G OPTOWAY-BTRS-5720G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com