Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD140 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BD140
Description  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD140 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BD140 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-126 Plastic-Encapsulate
d Transistors
BD136/BD138/BD140 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
1.25
W (Tamb=25
℃)
Collector current
ICM:
-1.5
A
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
BD136
-45
BD138
-60
Collector-base breakdown voltage
V(BR)CBO
Ic=-
100µA, IE=0
BD140
-80
V
BD136
-45
BD138
-60
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-
30mA, IB=0
BD140
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-10
µA
hFE(1)
VCE=-2V, IC=-5Ma
25
BD136
40
250
hFE(2)
VCE=-2V, IC=-150mA
BD138
BD140
40
160
DC current gain
hFE(3)
VCE=-2V, IC=-500mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.5
V
Base-emitter voltage
VBE
VCE=-2V, IC=-500mA
-1
V
CLASSIFICATION OF
hFE(2)
Rank
6
10
16
Range
40-100
63-160
100-250
1 2 3
TO-126
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - BD140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD140 MOTOROLA-BD140 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
KEC(Korea Electronics)
BD140 KEC-BD140 Datasheet
36Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
BD140 ISC-BD140 Datasheet
189Kb / 2P
   isc Silicon PNP Power Transistor
logo
NXP Semiconductors
BD140 PHILIPS-BD140 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
logo
Tiger Electronic Co.,Lt...
BD140 TGS-BD140 Datasheet
59Kb / 1P
   Complementary Silicon Power Ttransistors
More results

Similar Description - BD140

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com