Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK10SM-10 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FK10SM-10
Description  HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FK10SM-10 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FK10SM-10 Datasheet HTML 1Page - Powerex Power Semiconductors FK10SM-10 Datasheet HTML 2Page - Powerex Power Semiconductors FK10SM-10 Datasheet HTML 3Page - Powerex Power Semiconductors FK10SM-10 Datasheet HTML 4Page - Powerex Power Semiconductors FK10SM-10 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
V (BR) DSS
V (BR) GSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
MITSUBISHI Nch POWER MOSFET
FK10SM-10
HIGH-SPEED SWITCHING USE
ID = 1mA, VGS = 0V
IG =
±100µA, VDS = 0V
VGS =
±25V, VDS = 0V
VDS = 500V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 5A, VGS = 10V
ID = 5A, VGS = 10V
ID = 5A, VDS = 10V
VDS = 25V, VGS = 0V, f = 1MHz
VDD = 200V, ID = 5A, VGS = 10V, RGEN = RGS = 50
IS = 5A, VGS = 0V
Channel to case
IS = 10A, dis/dt = –100A/
µs
V
V
µA
mA
V
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
500
±30
2
3.3
3
0.88
4.40
5.5
1100
130
20
20
30
95
35
1.5
±10
1
4
1.13
5.65
2.0
1.00
150
200
160
120
80
40
0
200
150
100
50
0
5
3
2
101
7
5
3
2
100
7
5
7
5
3
2
10–1
23 5 7 101
100
23 5 7 102 23 5 7 103
TC = 25°C
Single Pulse
tw=10µs
100µs
1ms
10ms
DC
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES


Similar Part No. - FK10SM-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FK10SM-10 MITSUBISHI-FK10SM-10 Datasheet
54Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FK10SM-10 ISC-FK10SM-10 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FK10SM-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com