Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UKW1V332MRD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UKW1V332MRD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKW1V332MRD Datasheet(HTML) 1 Page - Nichicon corporation

  UKW1V332MRD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
KW
series
Standard, For Audio Equipment
Radial Lead Type
Type numbering system (Example : 10V 1000µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 100V
0.1 ~ 33000µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03 CV or 4 (µA) , whichever is greater.
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA) , whichever is greater.
Printed with gold color letter on black sleeve.
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz,
Temperature : 20°C
Measurement frequency : 120Hz
Capacitance change
Leakage current
After 2000 hours' application of voltage at
85°C, capacitors meet the characteristic
requirements listed at right.
After sroring the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
tan
δ
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Rated voltage (V)
tan
δ (MAX.)
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.14
50
0.12
63
0.10
100
0.08
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
5
12
10
4
10
16
3
8
25
2
5
35
2
4
50
2
3
63
2
3
100
2
3
KW
(BD < 20) 1.5
(BD 20) 2.0
BD
P
5
0.5
2.0
6.3
0.5
2.5
8
0.5
3.5
10
0.5
5.0
12.5
0.5
5.0
16
0.5
7.5
18
0.5
7.5
Bd 0.5 0.5 0.6 0.6 0.6 0.8 0.8
20
0.5
10
1.0
22
1.0
10
1.0
25
1.0
12.5
1.0
(mm)
Pressure
relief vent
L+ MAX.
15MIN
4MIN
Sleeve (P.E.T.)
B d
(B6.3up)
U
1
K
2
W
3
1
4
A
5
1
6
0
7
2
8
M
9
P
10
D
11
Configuration
Capacitance tolerance
(±20%)
Rated Capacitance (1000µF)
Rated voltage (10V)
Series name
Type
B D
5
Pb-free leadwire
Pb-free PET sleeve
DD
ED
6.3
8 á10
PD
12.5 ~ 18
HD
20~25
RD
Realization of a harmonious balance of sound quality,
made possible by the development of new electrolyte.
Most suited for AV equipment like DVD, MD.
Adapted to the RoHS directive (2002/95/EC).
FW
High Sound
Quality
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
~47
100 ~ 470
1000 ~ 33000
50Hz
0.75
0.80
0.85
120Hz
1.00
1.00
1.00
300Hz
1.35
1.23
1.10
1kHz
1.57
1.34
1.13
10kHz ~
2.00
1.50
1.15
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
33000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
153
223
333
6.3
× 11
6.3
× 11
8
× 11.5
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
22
× 50
265
310
530
980
1170
1350
1600
2000
2550
3200
3900
V
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 35.5
20
× 40
22
× 50
145
230
270
330
630
1050
1420
1800
2150
2500
2720
3700
4500
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 35.5
20
× 40
22
× 50
25
× 50
155
250
360
420
770
1250
1700
2100
2500
2640
3400
4200
4800
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
20
× 40
22
× 50
25
× 50
115
185
320
420
530
950
1550
1950
2360
2590
3000
3800
4500
5
× 11
5
× 11
6.3
× 11
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 35.5
18
× 35.5
20
× 40
22
× 50
25
× 50
105
120
200
370
470
630
1100
1800
2220
2490
3000
3700
4300
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 35.5
18
× 35.5
20
× 40
22
× 50
25
× 50
1.1
2.4
3.5
5.0
10
23
35
40
65
95
120
150
250
410
570
760
1300
2090
2360
2900
3500
4000
5
× 11
5
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
18
× 35.5
20
× 40
22
× 50
25
× 50
70
100
140
165
300
470
650
880
1300
2200
2700
3400
3500
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
12.5
× 25
16
× 25
18
× 40
22
× 50
25
× 50
2.1
4.7
7.0
10
21
30
40
45
75
120
160
210
350
600
750
1000
1370
2400
2900
100
63
50
35
25
16
10
6.3
2A
1J
1H
1V
1E
1C
1A
0J
Code
Cap.
(µF)
Rated Ripple (mArms) at 85°C 120Hz
Rated ripple
Case size
φD ×L (mm)
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UKW1V332MRD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UKW1V332MHD NICHICON-UKW1V332MHD Datasheet
68Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKW1V332MHD NICHICON-UKW1V332MHD Datasheet
572Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UKW1V332MRD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com