Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTR-7810G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # BTR-7810G
Description  1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-7810G Datasheet(HTML) 4 Page - Optoway Technology Inc

  BTR-7810G Datasheet HTML 1Page - Optoway Technology Inc BTR-7810G Datasheet HTML 2Page - Optoway Technology Inc BTR-7810G Datasheet HTML 3Page - Optoway Technology Inc BTR-7810G Datasheet HTML 4Page - Optoway Technology Inc BTR-7810G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
BTR-7810G
***********************************************************************************************************************************************************************
*******************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005
V2.0
4
RECOMMENDED CIRCUIT SCHEMATIC
RXGND
1
RD+
2
RD-
3
RXVCC
5
TXVCC
6
TD-
7
TD+
8
SD
4
TXGND
9
U2
MICROSTRIP6
Z=5OR
MICROSTRIP5
Z=50R
L2
1uH
C2
100nF
C4
10uF
C3
100nF
Vcc3.3V
L1
1uH
C8
10uF
C1
100nF
MICROSTRIP8
Z=5OR
MICROSTRIP7
Z=50R
R21
1K
PHY DEVICE
TD-
TD+
RD+
RD-
C9
100nF
C10
100nF
R14
100R
C12
100nF
C11 100nF
R3
NA
R4
NA
Vcc3.3V
R2
NA
R1
NA
Vcc3.3V
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
SD / LVPECL
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply
filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx Vcc. A GND plane
under the module is required for good EMI and sensitivity performance.
PACKAGE DIAGRAM
Units in mm
1) Pigtail Type
BTR-7810-SP50G / BTR-7810C-SP50G
Note: Length L is 50
± 3 cm. Other pigtail’s length is available upon request.


Similar Part No. - BTR-7810G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-7820-SPG OPTOWAY-BTR-7820-SPG Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7820A-SPG OPTOWAY-BTR-7820A-SPG Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7820AG OPTOWAY-BTR-7820AG Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7820G OPTOWAY-BTR-7820G Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7840-SPG OPTOWAY-BTR-7840-SPG Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-7810G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-7860G OPTOWAY-BTR-7860G Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7940G OPTOWAY-BTR-7940G Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7920G OPTOWAY-BTR-7920G Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7840G OPTOWAY-BTR-7840G Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7820G OPTOWAY-BTR-7820G Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7910G OPTOWAY-BTR-7910G Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7960G OPTOWAY-BTR-7960G Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7640G OPTOWAY-BTR-7640G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com