Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTR-3640A-SPG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTR-3640A-SPG
Description  1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-3640A-SPG Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTR-3640A-SPG Datasheet HTML 1Page - Optoway Technology Inc BTR-3640A-SPG Datasheet HTML 2Page - Optoway Technology Inc BTR-3640A-SPG Datasheet HTML 3Page - Optoway Technology Inc BTR-3640A-SPG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
BTR-3640G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2006 V3.0
1
BTR-3640G / BTR-3640-SPG / BTR-3640AG / BTR-3640A-SPG
1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Single Fiber Bi-Directional Transceiver
l 1310 nm LD Transmitter
l 1550 nm Receiver
l Distance Up to 40 km
l Industry Standard 1 x 9 Footprint
l Single +3.3 V Power Supply
l RoHS Compliant
l PECL Differential Inputs and Outputs
l 0 to 70oC Operating Temperature: BTR-3640G
l -20 to 85oC Operating Temperature: BTR-3640AG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l WDM 155 Mb/s Links
l SONET/SDH Equipment Interconnect
l Fast Ethernet 100 Mb/s Links
DESCRIPTION
The BTR-3640G series is high performance module for
single fiber communications by using 1310 nm transmitter
and 1550 nm receiver. The transmitter section uses a
multiple
quantum well laser
and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated 1550
nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. A PECL logic
interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTR-3640G
125/155
40
1310
1550
3.3
1X9
0 to 70
-3 to -8
-33
Yes
BTR-3640AG
125/155
40
1310
1550
3.3
1X9
-20 to 85
-3 to -8
-33
Yes
Note: 1. BTR-XXXXXG is 1X9 SC receptacle type package.
2. BTR-XXXXX-XPBBBG is 1X9 pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
BTR-3640G
BTR-3640AG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-20
70
85
oC / BTR-3640G
oC / BTR-3640AG
Data Rate
155
170
Mb/s
Power Supply Current
240
mA


Similar Part No. - BTR-3640A-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-3602AMG OPTOWAY-BTR-3602AMG Datasheet
106Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTR-3602MG OPTOWAY-BTR-3602MG Datasheet
106Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTR-3620-SPG OPTOWAY-BTR-3620-SPG Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3620A-SPG OPTOWAY-BTR-3620A-SPG Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3620AG OPTOWAY-BTR-3620AG Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-3640A-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-3740G OPTOWAY-BTR-3740G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3720G OPTOWAY-BTR-3720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3760G OPTOWAY-BTR-3760G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3620G OPTOWAY-BTR-3620G Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3680G OPTOWAY-BTR-3680G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3780G OPTOWAY-BTR-3780G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3660G OPTOWAY-BTR-3660G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com