Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTR-3680G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # BTR-3680G
Description  1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-3680G Datasheet(HTML) 4 Page - Optoway Technology Inc

  BTR-3680G Datasheet HTML 1Page - Optoway Technology Inc BTR-3680G Datasheet HTML 2Page - Optoway Technology Inc BTR-3680G Datasheet HTML 3Page - Optoway Technology Inc BTR-3680G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
BTR-3680G
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V3.0
4
PACKAGE DIAGRAM
Units in mm
1) Receptacle Type
BTR-3680G
2) Pigtail Type
BTR-3680-SP50G
Note: Length L is 50
± 3 cm. Other pigtail’s length is available upon request.
Note: Specifications subject to change without notice.


Similar Part No. - BTR-3680G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-3602AMG OPTOWAY-BTR-3602AMG Datasheet
106Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTR-3602MG OPTOWAY-BTR-3602MG Datasheet
106Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTR-3620-SPG OPTOWAY-BTR-3620-SPG Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3620A-SPG OPTOWAY-BTR-3620A-SPG Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3620AG OPTOWAY-BTR-3620AG Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-3680G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-3740G OPTOWAY-BTR-3740G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3720G OPTOWAY-BTR-3720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3760G OPTOWAY-BTR-3760G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3620G OPTOWAY-BTR-3620G Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3780G OPTOWAY-BTR-3780G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3640G OPTOWAY-BTR-3640G Datasheet
112Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3660G OPTOWAY-BTR-3660G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com