Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UKT1A102MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UKT1A102MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKT1A102MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UKT1A102MHD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
35
2
3
BD
P
5
2.0
6.3
2.5
8
3.5
10
5.0
L+1.5MAX.
15MIN
4MIN
Sleeve (P.E.T.)
B d
12.5 (~25L)
5.0
12.5 (35.5L~)
5.0
0.5
0.5
0.6
0.6
0.6
0.8
(mm)
(B6.3up)
Pressure
relief vent
B
ALUMINUM ELECTROLYTIC CAPACITORS
KT
series
For General Audio Equipment,
Wide Temperature Range.
105°C standard for audio equipment.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 16V 1000µF)
U
1
K
2
T
3
1
4
C
5
1
6
0
7
2
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (1000µF)
Rated voltage (16V)
Series name
Type
B D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8¥10
PD
12.5
HD
Configuration
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 50V
0.1 ~ 10000µF
± 20% at 120Hz, 20°C
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (µA) , whichever is greater.
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA) , whichever is greater.
Printed with black color letter on purl blue sleeve.
Measurement frequency : 120Hz
Capacitance change
Leakage current
After 1000 hours' application of rated voltage at
105°C, capacitors meet the characteristics
requirement listed at right.
After storing the capacitors under no load at 105°C tor 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
tan
δ
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Rated voltage (V)
tan
δ (MAX.)
6.3
0.30
10
0.26
16
0.22
25
0.18
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
5
10
10
4
8
16
3
6
25
2
4
35
0.16
50
0.14
Measurement frequency : 120Hz,
Temperature : 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
50
2
3
KT
VZ
High Sound
Quality
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
~47
100 ~ 470
1000 ~ 10000
50Hz
0.75
0.80
0.85
120Hz
1.00
1.00
1.00
300Hz
1.35
1.23
1.10
1kHz
1.57
1.34
1.13
10kHz ~
2.00
1.50
1.15
• Please refer to page 21 about the end seal configulation.
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
5 × 11
5 × 11
5 × 11
5 × 11
6.3 × 11
6.3 × 11
8 × 11.5
10 × 12.5
10 × 20
12.5 × 20
12.5 × 25
12.5 × 35.5
12.5 × 40
45
55
65
95
160
195
270
420
710
910
1120
1360
1650
0J
Cap.(µF)
V
6.3
5 × 11
5 × 11
5 × 11
5 × 11
6.3 × 11
8 × 11.5
8 × 11.5
10 × 16
12.5 × 20
12.5 × 25
12.5 × 35.5
12.5 × 40
45
58
68
105
175
240
280
500
810
1050
1300
1570
1A
10
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
6.3 × 11
8 × 11.5
8 × 11.5
10 × 16
12.5 × 20
12.5 × 31.5
12.5 × 35.5
35
54
65
79
115
190
265
315
560
920
1270
1480
1C
16
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
6.3 × 11
8 × 11.5
8 × 11.5
10 × 12.5
10 × 20
12.5 × 31.5
12.5 × 35.5
25
36
58
68
83
140
240
290
380
680
1200
1400
1E
25
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
6.3 × 11
8 × 11.5
10 × 12.5
10 × 16
12.5 × 25
12.5 × 40
28
41
61
75
93
150
260
350
460
860
1260
1V
35
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
5 × 11
6.3 × 11
8 × 11.5
10 × 12.5
10 × 16
12.5 × 20
12.5 × 31.5
1H
50
code
Rated Ripple (mArms) at 105°C 120Hz
1.3
2.9
4.3
7.0
13
20
25
30
46
68
90
115
190
300
410
530
1040
Rated
ripple
Case size
φ D × L (mm)


Similar Part No. - UKT1A102MHD

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UKT0011 ULTRALIFE-UKT0011 Datasheet
739Kb / 2P
   Portable Battery System
Rev: E
UKT0034 ULTRALIFE-UKT0034 Datasheet
566Kb / 2P
   SmartCircuit® technology providing advanced solutions not available from traditional batteries and chargers
Rev: B
UKT0036 ULTRALIFE-UKT0036 Datasheet
524Kb / 2P
   Low operating temperature
Rev: -
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
   Wide input voltage for global use
Rev: B
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
More results

Similar Description - UKT1A102MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com