Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C2480B-90TBI Datasheet(PDF) 3 Page - MUSIC Semiconductors

Part # MU9C2480B-90TBI
Description  LANCAM B Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C2480B-90TBI Datasheet(HTML) 3 Page - MUSIC Semiconductors

  MU9C2480B-90TBI Datasheet HTML 1Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 2Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 3Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 4Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 5Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 6Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 7Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 8Page - MUSIC Semiconductors MU9C2480B-90TBI Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Pin Descriptions
LANCAM B Family
Rev. 5.1
3
PIN DESCRIPTIONS
Note: All signals are implemented in CMOS technology with TTL levels. Signal names that start with a slash (“/”) are active LOW.
Inputs should never be left floating. The CAM architecture draws large currents during compare operations, mandating the use of good
layout and bypassing techniques. Refer to the DC Electrical Characteristics on page 25 for more information.
Figure 2: 44-Pin LQFP
Figure 3: 64-Pin LQFP
/E (Chip Enable, Input, TTL)
The /E input enables the device while LOW. The falling
edge registers the control signals /W, /CM, and /EC. The
rising edge locks the daisy chain, turns off the DQ pins,
and clocks the Destination and Source Segment counters.
The four cycle types enabled by /E are shown in Table 1.
/W (Write Enable, Input, TTL)
The /W input selects the direction of data flow during a
device cycle. /W LOW selects a Write cycle and /W HIGH
selects a Read cycle.
/CM (Data/Command Select, Input, TTL)
The /CM input selects whether the input signals on
DQ15–0 are data or commands. /CM LOW selects
Command cycles and /CM HIGH selects Data cycles.
/EC (Enable Daisy Chain, Input, TTL)
The /EC signal performs two functions. The /EC input
enables the /MF output to show the results of a
comparison, as shown in Figure 9 on page 14. If /EC is
LOW at the falling edge of /E in a given cycle, the /MF
output is enabled. Otherwise, the /MF output is held
HIGH.
The /EC signal also enables the /MF–/MI daisy chain,
which serves to select the device with the highest-priority
match in a string of LANCAMs. Table 4 explains the
effect of the /EC signal on a device with or without a
match in both Standard and Enhanced modes. /EC must be
HIGH during initialization.
DQ15–0 (Data Bus, I/O, TTL)
The DQ15–0 lines convey data, commands, and status to
and from the LANCAM. /W and /CM control the direction
and nature of the information that flows to or from the
device. When /E is HIGH, DQ15–0 go to HIGH-Z.
/MF (Match Flag, Output, TTL)
The /MF output goes LOW when one or more valid
matches occur during a compare cycle. /MF becomes valid
after /E goes HIGH on the cycle that enables the daisy
chain (on the first cycle that /EC is registered LOW by the
previous falling edge of /E; see Figure 9 on page 14). In a
daisy chain, valid match(es) in higher priority devices are
passed from the /MI input to /MF. If the daisy chain is
enabled but the match flag is disabled in the Control
register, the /MF output only depends on the /MI input of
the device (/MF=/MI). /MF is HIGH if there is no match
or when the daisy chain is disabled (/E goes HIGH when
/EC was HIGH on the previous falling edge of /E). The
System Match flag is the /MF pin of the last device in the
daisy chain. /MF is reset when the active configuration
register set is changed.
44-Pin LQFP
(Top View)
GND
DQ4
DQ5
VCC
VCC
TEST2
GND
GND
DQ6
DQ7
VCC
/MA
/MI
/MF
GND
/RESET
VCC
VCC
TEST1
/E
/W
GND
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
37
38
39
40
41
42
43
44
33
34
35
36
45
46
47
48
NC
DQ4
DQ5
VCC
VCC
TEST2
GND
GND
DQ6
DQ7
VCC
NC
GND
GND
GND
NC
/MA
/MI
/MF
GND
/RESET
VCC
VCC
TEST1
/E
/W
GND
NC
NC
GND
GND
NC
64-Pin LQFP
(Top View)
Table 1: I/O Cycles
/W
/CM
Cycle Type
LOW
LOW
Command Write Cycle
LOW
HIGH
Data Write Cycle
HIGH
LOW
Command Read Cycle
HIGH
HIGH
Data Read Cycle


Similar Part No. - MU9C2480B-90TBI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2480A-50DC MUSIC-MU9C2480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-70DC MUSIC-MU9C2480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-70DI MUSIC-MU9C2480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-90DC MUSIC-MU9C2480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-90DI MUSIC-MU9C2480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C2480B-90TBI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
   LANCAM A/L series
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI33XX-X0 ETC2-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Vicor Corporation
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com