Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4209KAUA+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4209KAUA+T
Description  Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4209KAUA+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4209KAUA+T Datasheet HTML 1Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX4209KAUA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Ultra-Low Offset/Drift, Precision
Instrumentation Amplifiers with REF Buffer
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, VSS = 0V, VCM = VREF = VDD/2, VREFIN/MODE = VSS, RL = 100k
Ω to VDD/2, VDIFF = (VIN+ - VIN-) = 0V, MAX4208 set for
G = 100V/V (R1 = 1k
Ω, R2 = 99kΩ), TA = -40°C to +125°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-20mV
≤ VDIFF
+20mV (MAX4208),
G = 100V/V
TA = -40°C to
+125°C
50
180
-100mV
≤ VDIFF
+100mV (MAX4209T),
G = 10V/V
TA = -40°C to
+125°C
50
-20mV
≤ VDIFF
+20mV (MAX4209H),
G = 100V/V
TA = -40°C to
+125°C
50
180
Gain Error Temperature Drift
(Note 2)
-2mV
≤ VDIFF ≤ +2mV
(MAX4209K),
G = 1000V/V
TA = -40°C to
+125°C
100
ppm/°C
TA = +25°C to +85°C
210
MAX4208,
G = 100V/V
TA = -40°C to +125°C
700
TA = +25°C to +85°C
210
Gain Nonlinearity
(Note 2)
GNL
MAX4209H,
G = 100V/V
TA = -40°C to +125°C
700
ppm
Input Common-Mode Range
VCM
Guaranteed by CMRR test,
TA = -40°C to +125°C
VSS -
0.1
VDD -
1.6
V
TA = +25°C to +85°C
96
Input Common-Mode Rejection
Ratio
CMRR
(VSS - 0.1V)
≤ VCM
(VDD - 1.6V)
TA = -40°C to
+125°C
90
dB
TA = +25°C to +85°C
96
Power-Supply Rejection Ratio
PSRR
VDD = 2.85V to 5.5V,
VREF = VCM = VSS +
0.5V
TA = -40°C to
+125°C
90
dB
REFIN/MODE AND REF DC CHARACTERISTICS
TA = +25°C to +85°C
100
REFIN/MODE Buffer Input
Offset Voltage
TA = -40°C to +125°C
100
µV
REFIN/MODE Buffered
Reference Input Range
VREFIN/MODE
Reference buffer is ON, guaranteed by
REFIN/MODE CMRR test
VSS +
0.2
VDD -
1.6
V
REFIN/MODE Input-Voltage
Low
VIL
Reference buffer is OFF
VSS +
0.05
V


Similar Part No. - MAX4209KAUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4209KAUA++ MAXIM-MAX4209KAUA+ Datasheet
96Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
More results

Similar Description - MAX4209KAUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208_09 Datasheet
222Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
   Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com