Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG4000BX-90DA Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FG4000BX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FG4000BX-90DA Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FG4000BX-90DA Datasheet HTML 1Page - Powerex Power Semiconductors FG4000BX-90DA Datasheet HTML 2Page - Powerex Power Semiconductors FG4000BX-90DA Datasheet HTML 3Page - Powerex Power Semiconductors FG4000BX-90DA Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug.1998
AUXILIARY CATHODE
CONNECTOR (RED)
500 ± 8
GATE (WHITE)
φ 3.5 DEPTH 2.2 ± 0.2
CATHODE
TYPE NAME
ANODE
φ 85 ± 0.2
φ 85 ± 0.2
φ 120 MAX
φ 3.5 DEPTH 2.2 ± 0.2
MITSUBISHI GATE TURN-OFF THYRISTORS
FG4000BX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
FG4000BX-90DA
OUTLINE DRAWING
Dimensions in mm
APPLICATION
Inverters, D.C. choppers, Induction heaters, D.C. to D.C. converters.
q ITQRM Repetitive controllable on-state current ...........3000A
q IT(AV)
Average on-state current .....................1000A
q VDRM Repetitive peak off state voltage ...................4500V
q Anode short type
A
A
A
kA
A2s
A/
µs
V
V
A
A
W
kW
W
W
°C
°C
kN
g
VDM = 4500V, Tj = 125
°C, CS = 3.0µF, LS = 0.25µH
f = 60Hz, sine wave
θ = 180°, Tf = 78°C
One half cycle at 60Hz
One cycle at 60Hz
VD = 3400V, IGM = 25A, Tj = 125
°C
Recommended value 38
Standard value
Repetitive controllable on-state current
RMS on-state current
Average on-state current
Surge (non-repetitive) on-state current
Current-squared, time integration
Critical rate of rise of on-state current
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate reverse current
Peak forward gate power dissipation
Peak reverse gate power dissipation
Average forward gate power dissipation
Average reverse gate power dissipation
Junction temperature
Storage temperature
Mounting force required
Weight
ITQRM
IT(RMS)
IT(AV)
ITSM
I2t
diT/dt
VFGM
VRGM
IFGM
IRGM
PFGM
PRGM
PFG(AV)
PRG(AV)
Tj
Tstg
Symbol
Parameter
Conditions
Ratings
3000
1600
1000
20
1.7
× 106
500
10
19
130
1100
520
33
130
300
–40 ~ +125
–40 ~ +150
32 ~ 40
1600
Unit
VRRM
VRSM
VR(DC)
VDRM
VDSM
VD(DC)
Unit
Symbol
Parameter
V
V
V
V
V
V
Voltage class
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage+
Non-repetitive peak off-state voltage+
DC off-state voltage+
+ : VGK = –2V
MAXIMUM RATINGS
90DA
19
19
19
4500
4500
2500


Similar Part No. - FG4000BX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG4000BX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com