Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QAK2E685JCP Datasheet(PDF) 1 Page - Nichicon corporation

Part # QAK2E685JCP
Description  PLASTIC FILM CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

QAK2E685JCP Datasheet(HTML) 1 Page - Nichicon corporation

  QAK2E685JCP Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
PLASTIC FILM CAPACITORS
Non-inductive construction, compact size, metallized film capacitor with axial lead wires.
Highly reliable with self-healing property.
Minimum loss at high frequency.
Tape-wrapped and epoxy endfilled at both leads for superior mechanical strength and
humidity resistance.
High capacitance value, offering a wide variety of applications.
Adapted to the RoHS directive (2002/95/EC).
Applications
Filtering DC-blocking, coupling and so on of general communications equipment and use in
AC circuits for motor starting, charging / discharging, lighting, etc.
Some A.C. applications may cause capacitor failure, over
heating of the capacitors and/or discharge may be the
result. Please contact us about details for A.C. application.
AK
series (Tape-wrapped Axial Compact Type)
Metallized Polyester Film Capacitor
Drawing
Specifications
Category Temperature Range
Rated Voltage
Rated Capacitance Range
Capacitance Tolerance
Dielectric Loss Tangent
Insulation Resistance
Withstand Voltage
Encapsulation
– 40 ~ +85˚C
250, 400, 630VDC
0.1 ~ 10µF
± 5% (J), ± 10% (K)
1.0% or less (at 1kHz 20˚C)
C <
= 0.33µF : 9000 MΩ or more
C > 0.33µF : 3000
ΩF or more
Between Terminals
Rated Voltage
× 175%, 1 ~ 5 secs.
Between Terminals and Coverage
Rated Voltage
× 200%, 1 ~ 5 secs.
Adhesive polyester film, epoxy resin
Performance Characteristics
Item
Q
1
A
2
K
3
2
4
E
5
1
6
5
7
5
8
K
9
T
10
P
11
Configuration (TP:Polyester film,
Tinned CP wire)
Capacitance tolerance (J :
±5% K : ±10%)
Rated Capacitance (1.5
µF)
Rated voltage (250V)
Series name
Type
W
+2.0
–1.0
+1.5
–1.0
T
35MIN
35MIN
φd ± 0.05
H
±1.5
Dimensions
Unit : mm
Type numbering system (Example : 250V 1.5µF)
V(Code)
250VDC (2E)
400VDC (2G)
630VDC (2J)
Cap.(µF)
Size
TW
H
d
T
W
H
d
T
W
H
d
0.1
104
4.5
28.0
11.0
0.8
0.15
154
6.0
28.0
12.5
0.8
0.22
224
7.0
28.0
15.0
0.8
0.33
334
6.0
23.0
14.0
0.8
9.0
28.0
17.0
0.8
0.47
474
4.0
23.0
10.5
0.8
7.5
23.0
15.5
0.8
9.5
33.0
17.5
0.8
0.68
684
5.5
23.0
11.5
0.8
7.5
28.0
15.5
0.8
10.0
38.0
19.5
1.0
1.0
105
6.0
23.0
14.0
0.8
9.5
28.0
17.5
0.8
11.0
44.0
20.5
1.0
1.5
155
6.5
28.0
14.5
0.8
11.5
28.0
21.0
0.8
14.5
44.0
23.5
1.0
2.2
225
8.0
28.0
16.0
0.8
12.0
33.0
21.5
0.8
16.5
50.0
26.0
1.0
3.3
335
8.0
33.0
18.0
0.8
15.5
33.0
25.0
0.8
21.0
50.0
30.0
1.0
4.7
475
10.5
33.0
20.0
0.8
17.0
39.0
26.5
1.0
6.8
685
12.0
38.0
21.0
1.0
10.0
106
15.0
38.0
24.0
1.0
Code


Similar Description - QAK2E685JCP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com