Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT41 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT41
Description  MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT41 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDT41 Datasheet HTML 1Page - Texas Instruments SN65LVDT41 Datasheet HTML 2Page - Texas Instruments SN65LVDT41 Datasheet HTML 3Page - Texas Instruments SN65LVDT41 Datasheet HTML 4Page - Texas Instruments SN65LVDT41 Datasheet HTML 5Page - Texas Instruments SN65LVDT41 Datasheet HTML 6Page - Texas Instruments SN65LVDT41 Datasheet HTML 7Page - Texas Instruments SN65LVDT41 Datasheet HTML 8Page - Texas Instruments SN65LVDT41 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
VIB
VID
VIA
VIC
VO
A
B
R
V
IA )
V
IB
2
SN65LVDT14
SN65LVDT41
SLLS530B – APRIL 2002 – REVISED FEBRUARY 2006
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
0.9
1.7
2.9
tPHL
Propagation delay time, high-to-low-level output
0.9
1.6
2.9
RL = 100 Ω, CL = 10 pF,
ns
See Figure 7
tr
Differential output signal rise time
0.26
1
tf
Differential output signal fall time
0.26
1
tsk(p)
Pulse skew (|tPHL - tPLH|)
150
500
ps
RL = 100 Ω, CL = 10 pF,
tsk(o)
Output skew(1)
80
150
ps
See Figure 7
tsk(pp)
Part-to-part skew(2)
1.5
ns
(1)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
Figure 2. Receiver Voltage Definitions
Table 1. Receiver Minimum and Maximum Input Threshold Test Voltages
RESULTING
RESULTING DIFFERENTIAL
APPLIED VOLTAGES
COMMON-MODE
INPUT VOLTAGE
INPUT VOLTAGE
VIA
VIB
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
1.15 V
1.25 V
-100 mV
1.2 V
2.4 V
2.3 V
100 mV
2.35 V
2.3 V
2.4 V
-100 mV
2.35 V
0.1 V
0.0 V
100 mV
0.05 V
0.0 V
0.1 V
-100 mV
0.05 V
1.5 V
0.9 V
600 mV
1.2 V
0.9 V
1.5 V
-600 mV
1.2 V
2.4 V
1.8 V
600 mV
2.1 V
1.8 V
2.4 V
-600 mV
2.1 V
0.6 V
0.0 V
600 mV
0.3 V
0.0 V
0.6 V
-600 mV
0.3 V
5
Submit Documentation Feedback


Similar Part No. - SN65LVDT41

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT41 TI-SN65LVDT41 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41 TI1-SN65LVDT41 Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41-EP TI1-SN65LVDT41-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41QPWREP TI1-SN65LVDT41QPWREP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results

Similar Description - SN65LVDT41

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT14-EP TI1-SN65LVDT14-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI-SN65LVDT14 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
logo
Hirose Electric
CB1G-10S-1.5H-PEJC2 HIROSE-CB1G-10S-1.5H-PEJC2 Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Mitsumi Electronics, Co...
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com