Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C2485A-12TCI Datasheet(PDF) 4 Page - MUSIC Semiconductors

Part # MU9C2485A-12TCI
Description  WidePort LANCAM짰 Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C2485A-12TCI Datasheet(HTML) 4 Page - MUSIC Semiconductors

  MU9C2485A-12TCI Datasheet HTML 1Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 2Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 3Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 4Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 5Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 6Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 7Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 8Page - MUSIC Semiconductors MU9C2485A-12TCI Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
WidePort LANCAM® Family
Rev. 2
4
PIN DESCRIPTIONS
Continued
/RESET (Reset, Input, TTL)
/RESET must be driven LOW to place the device in a known
state before operation, which will reset the device to the
conditions shown in Table 5. The /RESET pin should be
driven by TTL levels, not directly by an RC timeout. /E
must be kept HIGH during /RESET.
TEST1, TEST2 (Test, Input, TTL)
These pins enable MUSIC production test modes that are
not usable in an application. They should be connected to
ground, either directly or through a pull-down resistor, or
they may be left unconnected. These pins may not be
implemented on all versions of these products.
VCC, GND (Positive Power Supply, Ground)
These pins are the power supply connections to the
WidePort LANCAM. VCC must meet the voltage supply
requirements in the Operating Conditions section relative
to the GND pins, which are at 0 Volts (system reference
potential), for correct operation of the device. All the
ground and power pins must be connected to their
respective planes with adequate bulk and high frequency
bypassing capacitors in close proximity to the device.
The MU9C2485A/L and MU9C1485A/L are compatible
with the original MU9C1485 connections, and may be
operated at -90 or slower switching characteristics
without the GND connections on pins 1, 2, 20, 21, 22, 41,
42, 60, 61, and 62.
FUNCTIONAL DESCRIPTION
The WidePort LANCAM is a content-addressable
memory (CAM) with 32-bit I/O for network address
filtering, virtual memory, data compression, caching, and
table lookup applications. The memory consists of static
CAM, organized in 64-bit data fields. Each data field can
be partitioned into a CAM and a RAM subfield on 16-bit
boundaries. The contents of the memory can be randomly
accessed or associatively accessed by the use of a
compare. During automatic comparison cycles, data in
the Comparand register is automatically compared with
the “Valid” entries in the memory array. The Device ID can be
read using a TCO PS instruction (see Table 13).
The data inputs and outputs of the WidePort LANCAM
are multiplexed for data and instructions over a 32-bit
I/O bus. Internally, data is handled on a 64-bit basis,
since the Comparand register, the mask registers, and
each memory entry are 64 bits wide. Memory entries are
globally configurable into CAM and RAM segments on
16-bit boundaries, as described in US Patent 5,383,146
assigned to MUSIC Semiconductors. Seven different
CAM/RAM splits are possible, with the CAM width
going from one to four segments, and the remaining RAM
width going from three to zero segments. Finer resolution
on compare width is possible by invoking a mask register
during a compare, which does global masking on a bit
basis. The CAM subfield contains the associative data,
which enters into compares, while the RAM subfield
contains the associated data, which is not compared. In
LAN bridges, the RAM subfield can hold, for example,
port-address and aging information related to the
destination or source address information held in the
CAM subfield of a given location. In a translation
application, the CAM field can hold the dictionary
entries, while the RAM field holds the translations, with
almost instantaneous response.
Table 3: DQ Bus Multiplexing
/W
LOW
HIGH
LOW
HIGH
/CM
LOW
LOW
HIGH
HIGH
Cycle Type
Command write
Command read
TCO 2nd cycle
Data write
Data read
“f” Bit
0
1
0
1
X
X
X
X
DQ31–16
Non-TCO Instruction
Non-TCO Instruction
TCO Instruction (Read register)*
TCO Instruction (Write register)
Status Register bits 31–16
Status Register bits 31–16†
Data to CR, MRX, Mem.
Data from CR, MRX, Mem.
DQ15–0
XXXX
Absolute Address
XXXX
Value to Register
Status Register bits 15–0
Register contents*
Data to CR, MRX, Mem.
Data from CR, MRX, Mem.
Notes:
*
A CW of a TCO Instruction with the “f” bit set to 0 sets up a Register read in the following cycle. The
following cycle must be a Command Read cycle, otherwise the register read will be cancelled.
Upper 16 bits will be Status Register bits 31–16, except for a read of the Page Address register, in which
case they will be all zeros.


Similar Part No. - MU9C2485A-12TCI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2480A-50DC MUSIC-MU9C2480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-70DC MUSIC-MU9C2480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-70DI MUSIC-MU9C2480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-90DC MUSIC-MU9C2480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-90DI MUSIC-MU9C2480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C2485A-12TCI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com