Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C2485A-90TCI Datasheet(PDF) 11 Page - MUSIC Semiconductors

Part # MU9C2485A-90TCI
Description  WidePort LANCAM짰 Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C2485A-90TCI Datasheet(HTML) 11 Page - MUSIC Semiconductors

Back Button MU9C2485A-90TCI Datasheet HTML 7Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 8Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 9Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 10Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 11Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 12Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 13Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 14Page - MUSIC Semiconductors MU9C2485A-90TCI Datasheet HTML 15Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
WidePort LANCAM® Family
Rev. 2
11
Select register to the value of the desired device’s Page
address and leaving /EC HIGH.
The Full Flag daisy chain causes only the device whose /FI
input is LOW and /FF output HIGH to respond to an
instruction using the Next Free address. After a reset, the
Next Free Address register is set to zero.
Status Register
The 32-bit Status register, shown in Table 12, is the default
source for Command Read cycles. Bit 31 is the internal Match
flag, which will go LOW if a match was found in this particular
device. Bit 30 is the internal Multiple Match flag, which will go
LOW if a Multiple match was detected. Bit 29 is the internal
Full flag, which will go LOW if the particular device has no
empty memory locations. Bits 28 and 27 are the Skip and Empty
Validity bits, which reflect the validity of the last memory
location read. After a reset, the Skip and Empty bits will read
11 until a read or move from memory has occurred. The rest of
the Status register contains the Page address of the device
and the address of the Highest-Priority match. After a reset or
a no-match condition, the match address bits will be all 1s.
Comparand Register (CR)
The 64-bit Comparand register is the default destination
for data writes and reads, using the Segment Control register
to select which of the two 32-bit segments of the Comparand
register is to be loaded or read out. The persistent source
and destination for data writes and reads can be changed
to the mask registers or memory by SPS and SPD
OPERATIONAL CHARACTERISTICS
Continued
NOTES:
1.
Exceptions are:
A) A write to the Device Select register is always active in all devices;
B) A write to the Page Address register is active in the device with /FI LOW and /FF HIGH; and
C) The Set Full Flag (SFF) instruction is active in the device with /FI LOW and /FF HIGH.
2.
If /MF is disabled in the Control register, /MA (Internal) is forced HIGH preventing a Case 6 response.
3.
This is NO for a MOV instruction involving Memory at Next Free address if /FI is HIGH or the device is full.
4.
This is NO if the Persistent Destination is Memory at Next Free address and /FI is HIGH or the device is full.
5.
For a Command Read following a TCO NF instruction, this is YES if the device contains the first empty location in a daisy chain
(for example, /FI LOW and /FF HIGH) and NO if it does not.
6.
This is NO for a MOV or VBC instruction involving Memory at Highest-Priority match.
7.
This is NO if the Persistent Destination is Memory at Highest-Priority match.
Table 6a: Standard Mode Device Select Response
Case
1
2
3
4
5
62
Internal
/EC(int)
1
1
1
0
0
0
Internal
/MA (int)
X
X
X
X
1
0
External
/MI
X
X
X
0
1
1
Device Select
Reg.
DS=FFFFH
DS=PA
DS
≠FFFFH and
DS
≠PA
X
X
X
Command
Write1
YES3
YES3
NO
NO
NO
YES3
Data Write
YES4
YES4
NO
NO
NO
YES4
Command
Read
NO
YES
NO
NO5
NO5
YES5
Data Read
NO
YES
NO
NO
NO
YES
Table 6b: Enhanced Mode Device Select Response
Case
1
2
3
4
5
62
Internal
/EC(int)
1
1
1
0
0
0
Internal
/MA (int)
X
X
X
0
1
0
External
/MI
X
X
X
0
X
1
Device Select
Reg.
DS = FFFFH
DS = PA
DS
≠ FFFFH
and DS
≠ PA
X
X
X
Command
Write1
YES3
YES3
NO
YES3,6
YES3,6
YES3
Data Write
YES4
YES4
NO
YES4,7
YES4,7
YES4
Command
Read
NO
YES
NO
NO5
NO5
YES5
Data Read
NO
YES
NO
NO
NO
YES


Similar Part No. - MU9C2485A-90TCI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2480A-50DC MUSIC-MU9C2480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-70DC MUSIC-MU9C2480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-70DI MUSIC-MU9C2480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-90DC MUSIC-MU9C2480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C2480A-90DI MUSIC-MU9C2480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C2485A-90TCI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com