Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32684AS Datasheet(PDF) 5 Page - NEC

Part # NE32684AS
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE32684AS Datasheet(HTML) 5 Page - NEC

  NE32684AS Datasheet HTML 1Page - NEC NE32684AS Datasheet HTML 2Page - NEC NE32684AS Datasheet HTML 3Page - NEC NE32684AS Datasheet HTML 4Page - NEC NE32684AS Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OUTLINE DIMENSIONS (Units in mm)
ORDERING INFORMATION
PART
AVAILABILITY
PACKAGE
NUMBER
OUTLINE
NE32684AS
Bulk up to 1K
84AS
NE32684A-T1
1K/Reel
84AS
PACKAGE OUTLINE 84AS
1.78 ± 0.2
0.5 ± 0.1
(ALL LEADS)
1.0 ±0.2 (ALL LEADS)
1.78 ± 0.2
1.7 MAX
0.1
+0.07
-0.03
S
S
D
G
Part Number Designator (Letter).
When the letter is upright,
the gate lead is to the right.
Note:
Long leaded (1.7 mm min.) 84A package available upon request in
bulk quantitites up to 1000 pcs. To order specify NE32684A-SL.
V
NE32684A
EXCLUSIVE AGENT FOR NEC Corporation RF & MICROWAVE SEMICONDUCTOR PRODUCTS - U.S. & CANADA
CALIFORNIA EASTERN LABORATORIES, INC
· Headquarters · 4590 Patrick Henry Drive · Santa Clara, CA 95054-1817 · (408) 988-3500 · Telex 34-6393/FAX (408) 988-0279
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NE32684AS

ManufacturerPart #DatasheetDescription
logo
NEC
NE32000 NEC-NE32000 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE32083A NEC-NE32083A Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE32084 NEC-NE32084 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

Similar Description - NE32684AS

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com