Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C5480A-70DC Datasheet(PDF) 6 Page - MUSIC Semiconductors

Part # MU9C5480A-70DC
Description  LANCAM A/L series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C5480A-70DC Datasheet(HTML) 6 Page - MUSIC Semiconductors

Back Button MU9C5480A-70DC Datasheet HTML 2Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 3Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 4Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 5Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 6Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 7Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 8Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 9Page - MUSIC Semiconductors MU9C5480A-70DC Datasheet HTML 10Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LANCAM A/L series (not recommended for new designs)
Functional Description
6
Rev. 1
care” for the purpose of the comparison with all the
memory locations. During a Data Write cycle or a MOV
instruction, data in the specified active Mask register can
also determine which bits in the destination are updated. If
a bit is HIGH in the Mask register, the corresponding bit of
the destination is unchanged.
Highest Priority/Multiple Match
The match line associated with each memory address is
fed into a priority encoder where multiple responses are
resolved, and the address of the highest-priority responder
(the lowest numerical match address) is generated. In
LAN applications, a multiple response might indicate an
error. In other applications the existence of multiple
responders may be valid.
Input Control Signals and Commands
Four input control signals and commands loaded into an
instruction decoder control the LANCAM. Two of the four
input control signals determine the cycle type. The control
signals tell the device whether the data on the I/O bus
represents data or a command, and is input or output.
Commands are decoded by instruction logic and control
moves, forced compares, validity bit manipulations, and
the data path within the device. Registers (Control,
Segment Control, Address, Next Free Address, etc.) are
accessed
using
Temporary
Command
Override
instructions. The data path from the DQ bus to/from data
resources (comparand, masks, and memory) within the
device are set until changed by Select Persistent Source
and Destination instructions.
After a Compare cycle (caused by either a data write to the
Comparand or Mask registers, a write to the Control
register, or a forced compare), the Status register contains
the address of the Highest-Priority Matching location in
that device, concatenated with its page address, along with
flags indicating internal match, multiple match, and full.
When the Status register is read with a Command Read
cycle, the device with the Highest-Priority Match
responds, outputting the System Match address to the DQ
bus. The internal Match (/MA) and Multiple Match (/MM)
flags are also output on pins. Another set of flags (/MF and
/FF) that are qualified by the match and full flags of
previous devices in the system also are available directly
on output pins, and are independently daisy-chained to
provide System Match and Full flags in vertically
cascaded LANCAM arrays. In such arrays, if no match
occurs during a comparison, read access to the memory
and all the registers except the Next Free register is denied
to prevent device contention. In a daisy chain, all devices
respond to Command and Data Write cycles, depending on
the conditions shown in Table 4 unless the operation
involves the Highest-Priority Match address or the Next
Free address; in which case, only the specific device
having the Highest-Priority match or the Next Free
address responds.
Cascading LANCAMs
A Page Address register in each device simplifies vertical
expansion in systems using more than one LANCAM.
This register is loaded with a specific device address
during system initialization, which then serves as the
higher-order address bits. A Device Select register allows
the user to target a specific device within a vertically
cascaded system by setting it equal to the Page Address
Register value, or to address all the devices in a string at
the same time by setting the Device Select value to
FFFFH.
Figure 3 shows expansion using a daisy chain. Note that
system flags are generated without the need for external
logic. The Page Address register allows each device in the
vertically cascaded chain to supply its own address in the
event of a match, eliminating the need for an external
priority encoder to calculate the complete Match address
at the expense of the ripple-through time to resolve the
Highest-Priority match. The Full flag daisy-chaining
allows Associative writes using a Move to Next Free
Address instruction, which does not need a supplied
address.
Figure 4 shows an external PLD implementation of a
simple priority encoder that eliminates the daisy chain
ripple-through delays for systems requiring maximum
performance from many CAMs.


Similar Part No. - MU9C5480A-70DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C5640L-70TZC MUSIC-MU9C5640L-70TZC Datasheet
185Kb / 22P
   LIST-XL Family
MU9C5640L-90TZC MUSIC-MU9C5640L-90TZC Datasheet
185Kb / 22P
   LIST-XL Family
MU9C5640L-90TZI MUSIC-MU9C5640L-90TZI Datasheet
185Kb / 22P
   LIST-XL Family
More results

Similar Description - MU9C5480A-70DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8480B MUSIC-MU9C8480B Datasheet
264Kb / 32P
   LANCAM B Family
logo
PHOENIX CONTACT
1500392 PHOENIX-1500392 Datasheet
64Kb / 3P
   Sensor/Actuator cable - SAC-M12MS/A-L-S/0,2PUR/A-L-S
1501074 PHOENIX-1501074 Datasheet
59Kb / 3P
   Sensor/Actuator cable - SAC-M12MS/A-L-S/0,15PUR/A-L-S
logo
E-Tech Electronics LTD
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSCLM358 ETL-GSCLM358 Datasheet
265Kb / 4P
   D U A L O P E R AT I O N A L A MPL IFI ER
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
   PL/L Series
logo
E-Tech Electronics LTD
GPLM358 ETL-GPLM358 Datasheet
226Kb / 4P
   D U A L O P E R A T II O N A L A MP LII F II ER
logo
List of Unclassifed Man...
L091S562LF ETC2-L091S562LF Datasheet
169Kb / 5P
   MODEL L SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com