Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C16K64M-90B568C Datasheet(PDF) 3 Page - MUSIC Semiconductors

Part # MU9C16K64M-90B568C
Description  MU9C RCP Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C16K64M-90B568C Datasheet(HTML) 3 Page - MUSIC Semiconductors

  MU9C16K64M-90B568C Datasheet HTML 1Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 2Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 3Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 4Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 5Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 6Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 7Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 8Page - MUSIC Semiconductors MU9C16K64M-90B568C Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
MU9C RCP Family
Rev. 8.04
3
Figure 2: Switch Block Diagram
PIN DESCRIPTIONS
Note: Signal names that start with a slash ("/") are active LOW. All signals are 3.3V CMOS level. Never leave inputs floating. The CAM
architecture draws substantial currents during compare operations, mandating the use of good layout and bypassing techniques. Refer
to the Electrical Characteristics section for more information.
DQ31-0 (Data Bus, Three-state, Common
Input/ Output)
The DQ31-0 lines convey data to and from the MU9C
RCP. When the /E input is HIGH the DQ31-0 lines are
held in their high-impedance state. The /W input deter-
mines whether data flows to or from the device on the
DQ31-0 lines. The source or destination of the data is
determined by the AC bus, DSC, and the /AV line. During
a Write cycle, data on the DQ31-0 lines is registered by the
falling edge of /E.
AC12-0/AC11-0 (Address/Control Bus, Input)
When Hardware control is selected, the AC bus conveys
address or control information to the MU9C RCP, depend-
ing on the state of the /AV input. When /AV is LOW then
the AC bus carries an address; when /AV is HIGH the AC
bus carries control information. Data on the AC bus is reg-
istered by the falling edge of /E. When software control is
selected, the state of the AC bus does not affect the opera-
tion of the device.
DSC (Data Segment Control, Input)
When DQ bus access to a 64 bit register or memory word
is performed, the DSC input determines whether bits 31-0
(DSC LOW) or bits 63-32 (DSC HIGH) are accessed.
Access to 32 bit registers require that DSC be held LOW.
AA12-0/AA11-0 (Active Address, Output)
The AA bus conveys the Match address, the Next Free
address, or Random Access address, depending on the
most recent memory cycle. The /OE input enables the AA
bus; when the /OE input is HIGH, the AA bus is in its
high-impedance state; when /OE is LOW the AA bus is
active. In a vertically cascaded system after a Comparison
cycle, Write at Next Free Address cycle or Read/Write at
Highest-Priority match, only the highest-priority device
will enable its AA bus, regardless of the state of the /OE
input. In the event of a mismatch in the Address Database
after a Compare cycle, or after a Write at Next Free
Address cycle into an already full system, the lowest-pri-
ority device will drive the AA bus with all 1s. The AA bus
is latched when /E is LOW, and are free to change only
when /E is HIGH.
Controller
Sw itch
Fabric
MU 9C
RAM
Sw itch C ontrol
And Packet
Data
P acket Stream
RC P
Control
Network
Address
RAM
A ddress
Data
Controller
Sw itch
Fabric
MU 9C
RAM
Sw itch C ontrol
And Packet
Data
P acket Stream
RC P
Control
Network
Address
RAM
A ddress
Data


Similar Part No. - MU9C16K64M-90B568C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480A-12DC ETC1-MU9C1480A-12DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480A-12DI ETC1-MU9C1480A-12DI Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
MUSIC Semiconductors
MU9C1480A-50DC MUSIC-MU9C1480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
logo
List of Unclassifed Man...
MU9C1480A-70DC ETC1-MU9C1480A-70DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results

Similar Description - MU9C16K64M-90B568C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C4K64-12 ETC-MU9C4K64-12 Datasheet
611Kb / 30P
   MU9C Routing Coprocessor (RCP) Family
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
   MUAA Routing CoProcessor (RCP) Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
   MUAA Routing Co-Processor (RCP) Family
logo
PHOENIX CONTACT
2904895 PHOENIX-2904895 Datasheet
50Kb / 1P
   Holder - PACT RCP-CLAMP
logo
Sumida Corporation
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
logo
PHOENIX CONTACT
2906234 PHOENIX-2906234 Datasheet
91Kb / 6P
   Current transformer - PACT RCP-4000A-UIRO-PT-D95
09/12/2020
2906235 PHOENIX-2906235 Datasheet
91Kb / 6P
   Current transformer - PACT RCP-4000A-UIRO-PT-D140
09/12/2020
2904922 PHOENIX-2904922 Datasheet
65Kb / 4P
   Current transformer - PACT RCP-4000A-1A-D140
2906231 PHOENIX-2906231 Datasheet
91Kb / 6P
   Current transformer - PACT RCP-4000A-UIRO-D95
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com