Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C1480A-70DC Datasheet(PDF) 1 Page - MUSIC Semiconductors

Part # MU9C1480A-70DC
Description  LANCAM A/L series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C1480A-70DC Datasheet(HTML) 1 Page - MUSIC Semiconductors

  MU9C1480A-70DC Datasheet HTML 1Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 2Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 3Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 4Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 5Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 6Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 7Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 8Page - MUSIC Semiconductors MU9C1480A-70DC Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Data Sheet
MUSIC Semiconductors, the MUSIC logo, and the phrase "MUSIC Semiconductors" are
April 18, 2005 Rev. 1
Registered trademarks of MUSIC Semiconductors. MUSIC is a trademark of
MUSIC Semiconductors.
APPLICATION BENEFITS
The 256x64 to 4Kx64 LANCAM A/L series facilitate
numerous operations:
Fast speed allows processing of both DA and SA
within 450 ns, equivalent to 138 ports of 10 Base-T or
13 ports of 100 Base-T Ethernet (50 ns device)
Full CAM features allow all operations to be masked
on a bit-by-bit basis
Powerful instruction set for any list processing need
Shiftable Comparand and Mask registers assist in
proximate matching algorithms
Cascadable
to
any
practical
length
with
no
performance penalties
Industrial temperature grades for harsh environments
Available in 3.3 Volt for lower power systems
(Use functional compatible LANCAM B family for new designs)
DISTINCTIVE CHARACTERISTICS
High density CMOS Content Addressable Memory
(CAM)
Available in the following depths: 256 (3480), 512
(5480), 1K (1480), 2K (2480) and 4K (4480) words.
64-bit per word memory organization
16-bit I/O
Fast 50 ns compare speed (1480A and 2480A)
Dual configuration register set for rapid context
switching
16-bit CAM/RAM segments with MUSIC’s patented
partitioning
/MA and /MM output flags to enable faster system
performance
Readable Device ID
Selectable faster operating mode with no wait states
after a no-match
Validity bit setting accessible from the Status register
Single cycle reset for Segment Control register
5 Volt (A series) or 3.3 Volt (L series) operation
44-pin PLCC package
(also available in Lead-Free package upon request)
Figure 1: LANCAM B Family Block Diagram
/EC
DQ (15—0)
(16)
CAM ARRAY
2N WORDS
X 64 BITS
2
N
DATA (16)
DATA (16)
NEXT FREE ADDRESS (R/O)
CONTROL
SEGMENT CONTROL
PAGE ADDRESS (LOCAL)
DEVICE SELECT (GLOBAL)
ADDRESS
STATUS (31-16) (R/O)
REGISTER SET
2
/MM, /FL
DATA (16)
DATA (64)
DATA (64)
/MA
/MM
N+1
16
CONTROL
MUX
VCC
GND
/FF
/FI
/MF
/MI
MATCH
AND
FLAG
LOGIC
/W
/E
/CM
/RESET
COMMANDS &
STATUS (16)
TRANSLATE
802.3 / 802.5
DEMUX
INSTRUCTION (W/O)
STATUS (15-0) (R/O)
MATCH ADDR &
/MA FLAG
COMPARAND
MASK 2
MASK 1
SOURCE AND
DESTINATION
SEGMENT
COUNTERS
LANCAM A/L series
(not recommended for new designs)


Similar Part No. - MU9C1480A-70DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C1480A-70DC ETC1-MU9C1480A-70DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results

Similar Description - MU9C1480A-70DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8480B MUSIC-MU9C8480B Datasheet
264Kb / 32P
   LANCAM B Family
logo
PHOENIX CONTACT
1500392 PHOENIX-1500392 Datasheet
64Kb / 3P
   Sensor/Actuator cable - SAC-M12MS/A-L-S/0,2PUR/A-L-S
1501074 PHOENIX-1501074 Datasheet
59Kb / 3P
   Sensor/Actuator cable - SAC-M12MS/A-L-S/0,15PUR/A-L-S
logo
E-Tech Electronics LTD
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSCLM358 ETL-GSCLM358 Datasheet
265Kb / 4P
   D U A L O P E R AT I O N A L A MPL IFI ER
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
   PL/L Series
logo
E-Tech Electronics LTD
GPLM358 ETL-GPLM358 Datasheet
226Kb / 4P
   D U A L O P E R A T II O N A L A MP LII F II ER
logo
List of Unclassifed Man...
L091S562LF ETC2-L091S562LF Datasheet
169Kb / 5P
   MODEL L SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com