Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C8338-TFI Datasheet(PDF) 9 Page - MUSIC Semiconductors

Part # MU9C8338-TFI
Description  10/ 100Mb Ethernet Filter Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8338-TFI Datasheet(HTML) 9 Page - MUSIC Semiconductors

Back Button MU9C8338-TFI Datasheet HTML 5Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 6Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 7Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 8Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 9Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 10Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 11Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 12Page - MUSIC Semiconductors MU9C8338-TFI Datasheet HTML 13Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Functional Description
MU9C8338 10/100Mb Ethernet Filter Interface
Rev. 1a
9
MAC Address Storage
When the MU9C8338 performs an SA processing
function, it automatically extracts the MAC address from
the packet. The database is searched and the MAC address
is added to the LANCAM database if necessary. Similarly,
when a DA processing function is performed, the
MU9C8338 automatically searches the database for the
extracted DA MAC address.
It is important that the user is aware of the byte ordering of
the 48-bit MAC address when it is stored in the LANCAM
database. This is because the user must byte-order MAC
addresses identically when a database entry is to be
manually added or deleted. Similarly, if the user wishes to
read out a MAC address, they should also be aware of the
byte ordering when the relevant data registers are read.
Throughout this data sheet MAC addresses are shown as
bit 47 being the most significant bit, which is placed on the
left. Similarly, bit 0 is shown as the least significant bit and
placed
on
the
right.
Using
this
notation,
the
Individual/Group (I/G) bit subfield would be shown as bit
40. This bit would be the first bit of an address transmitted
onto the serial network and also the first bit received. The
IEEE 802.3 refers to the I/G bit subfield as bit 0. If the bit
is set to 1, it indicates that the address is a group address.
Conversely, if the bit is set to 0, it indicates it is an
individual address. Figure 4 shows a typical 48-bit MAC
address used in Ethernet or IEEE 802.3 networks.
Figure 4: MAC Address Byte Order
If the MAC address shown in Figure 4 is added to the
database by the MU9C8338, it is stored as follows:
Segment 3 = 6002h
Segment 2 = 128Ch
Segment 1 = 5634h
Segment 0 = Associated data (permanent bit, time
stamp and port ID)
If the user wishes to use the built-in routines to manually
add, delete, or read MAC addresses from the database, the
System CAM Word registers (SCDW) are used as shown
in Figure 5. It shows how the MAC address, used as an
example in Figure 4, would be transferred using the
SCDW registers.
If the user intended to delete the MAC address, the SCDW
registers would be written as shown in item 1 and the
SDO_DELETE routine would be invoked.
If the user intended to add the address manually, the
SCDW registers would be written as shown in item 2 and
the SDO_ADD routine would be invoked.
Finally, if the user intended to read an entry, the
SDO_READ routine would be invoked and the address
would be read from the SCDW registers as shown in item
3. The built-in routines are explained more fully later in
this document.
Figure 5: SCDW Register Order
02
56
34
12
8C
60
0000 0010
47
40
16
23
24
31
32
39
07
08
15
00
::
:
:
:
IEEE bit 0
I/G bit
6002
assoc. data
5634
128C
seg 3
seg 2
seg 1
seg 0
LANCAM Database Entry
MAC Address
6002
not used
5634
128C
SCDW3
SCDW2
SCDW1
SCDW0
SDO_DELETE
SDO_ADD
SDO_READ
6002
assoc. data
5634
128C
SCDW3
SCDW2
SCDW1
SCDW0
6002
assoc. data
5634
128C
SCDW3
SCDW2
SCDW1
SCDW0
3
1
2


Similar Part No. - MU9C8338-TFI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8338A MUSIC-MU9C8338A Datasheet
436Kb / 32P
   10/ 100Mb Ethernet Filter Interface
MU9C8338A-TFC MUSIC-MU9C8338A-TFC Datasheet
436Kb / 32P
   10/ 100Mb Ethernet Filter Interface
MU9C8338A-TFI MUSIC-MU9C8338A-TFI Datasheet
436Kb / 32P
   10/ 100Mb Ethernet Filter Interface
More results

Similar Description - MU9C8338-TFI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8338A MUSIC-MU9C8338A Datasheet
436Kb / 32P
   10/ 100Mb Ethernet Filter Interface
MU9C8358L MUSIC-MU9C8358L Datasheet
531Kb / 32P
   Quad 10/100Mb Ethernet Filter Interface
MU9C8358 MUSIC-MU9C8358 Datasheet
527Kb / 32P
   Quad 10/100Mb Ethernet Filter Interface
logo
Molex Electronics Ltd.
1120361001 MOLEX-1120361001 Datasheet
39Kb / 1P
   IP20 Unmanaged Ethernet Switch, 8 Ports, 10/100Mb Data Speed
logo
JDS Uniphase Corporatio...
ACC701-000 JDSU-ACC701-000 Datasheet
925Kb / 5P
   10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
ACC702-000 JDSU-ACC702-000 Datasheet
901Kb / 5P
   10/100Mb/s Optical to Electrical Ethernet Demarcation Device
logo
Molex Electronics Ltd.
1120361000 MOLEX-1120361000 Datasheet
37Kb / 1P
   IP20 Unmanaged Ethernet Switch, 5 Ports, 10/100Mb Data Speed
logo
XFMRS Inc.
XFVOIP-14 XFMRS-XFVOIP-14 Datasheet
46Kb / 1P
   SMD TRANSFORMER FOR 10/100Mb LAN
XFATM6AULR XFMRS-XFATM6AULR Datasheet
80Kb / 1P
   SMD TRANSFORMER FOR 10/100MB LAN
XFATM9-55 XFMRS-XFATM9-55 Datasheet
58Kb / 1P
   SMD TRANSFORMER FOR 10/100MB LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com