Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C4480A-90DC Datasheet(PDF) 10 Page - MUSIC Semiconductors

Part # MU9C4480A-90DC
Description  LANCAM A/L series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C4480A-90DC Datasheet(HTML) 10 Page - MUSIC Semiconductors

Back Button MU9C4480A-90DC Datasheet HTML 6Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 7Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 8Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 9Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 10Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 11Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 12Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 13Page - MUSIC Semiconductors MU9C4480A-90DC Datasheet HTML 14Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LANCAM A/L series (not recommended for new designs)
Operational Characteristics
10
Rev. 1
Notes:
1.
Default Command Write cycle destination (does not require a TCO instruction).
2.
Default Command Write cycle destination (no TCO instruction required) if Address Field flag was set in bit 11 of the instruction loaded in the
previous cycle.
3.
Loaded or read on the Command Write or Read cycle immediately following a TCO instruction. Active for one Command Write or Read cycle only.
NFA register can not be loaded this way.
4.
Default Command Read cycle source (does not require a TCO instruction).
5.
Default Command Read cycle source (does not require a TCO instruction) if the previous cycle was a Command Read of Status Register Bits 15–0.
If next cycle is not a Command Read cycle, any subsequent Command Read cycle accesses the Status Register Bits 15–0.
6.
Default persistent source and destination on power-up and after Reset. If other resources were sources or destinations, SPD CR or SPS CR restores
the Comparand register as the destination or source.
7.
Selected by executing a Select Persistent Destination instruction.
8.
Selected by executing a Select Persistent Source instruction.
9.
Access may require multiple 16-bit Read or Write cycles. The Segment Control register controls the selection of the desired 16-bit segment(s) by
establishing the Segment counters’ start and end limits and count values.
10.
Device is deselected if Device Select register setting does not equal Page Address register setting, unless the Device Select Register is set to
FFFFH, which allows only write access to the device. (Writes to the Device Select register are always active.) Device may also be deselected under
locked daisy chain conditions as shown in Table 4.
11.
A Command Read cycle after a TCO PS or TCO PD reads back the Instruction decoder bits that were last set to select a persistent source or
destination. The TCO PS instruction also reads back the Device ID.
Table 2: Input/Output Operations
Cycle Type
/E
/C
M
/
W
I/O Status
SPS
SPD
TC
O
Operation
Notes
Cmd Write
L
L
L
IN
IN
IN
IN
IN
IN
IN
3
3
3
3
3
Load Instruction decoder
Load Address register
Load Control register
Load Page Address register
Load Segment Control register
Load Device Select register
Deselected
1
2,3
3
3
3
3
10
Cmd Read
L
L
H
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
HIGH-Z
3
3
3
3
3
3
3
Read Next Free Address register
Read Address register
Read Status Register bits 15–0
Read Status Register bits 31–16
Read Control register
Read Page Address register
Read Segment Control register
Read Device Select register
Read Current Persistent Source or Destination
Deselected
3
3
4
5
3
3
3
3
3,11
10
Data Write
L
H
L
IN
IN
IN
IN
IN
IN
IN
3
3
3
3
3
3
Load Comparand register
Load Mask Register 1
Load Mask Register 2
Write Memory Array at address
Write Memory Array at Next Free address
Write Memory Array at Highest-Priority match
Deselected
6,9
7,9
7,9
7,9
7,9
7,9
10
Data Read
L
H
H
OUT
OUT
OUT
OUT
OUT
HIGH-Z
3
3
3
3
3
Read Comparand register
Read Mask Register 1
Read Mask Register 2
Read Memory Array at address
Read Memory Array at Highest-Priority match
Deselected
6, 9
8, 9
8, 9
8, 9
7, 8
10
H
X
X
HIGH-Z
Deselected


Similar Part No. - MU9C4480A-90DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480B-70TBC MUSIC-MU9C4480B-70TBC Datasheet
264Kb / 32P
   LANCAM B Family
MU9C4480B-70TBI MUSIC-MU9C4480B-70TBI Datasheet
264Kb / 32P
   LANCAM B Family
MU9C4480B-90TBC MUSIC-MU9C4480B-90TBC Datasheet
264Kb / 32P
   LANCAM B Family
MU9C4480B-90TBI MUSIC-MU9C4480B-90TBI Datasheet
264Kb / 32P
   LANCAM B Family
More results

Similar Description - MU9C4480A-90DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8480B MUSIC-MU9C8480B Datasheet
264Kb / 32P
   LANCAM B Family
logo
PHOENIX CONTACT
1500392 PHOENIX-1500392 Datasheet
64Kb / 3P
   Sensor/Actuator cable - SAC-M12MS/A-L-S/0,2PUR/A-L-S
1501074 PHOENIX-1501074 Datasheet
59Kb / 3P
   Sensor/Actuator cable - SAC-M12MS/A-L-S/0,15PUR/A-L-S
logo
E-Tech Electronics LTD
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
GSCLM358 ETL-GSCLM358 Datasheet
265Kb / 4P
   D U A L O P E R AT I O N A L A MPL IFI ER
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
   PL/L Series
logo
E-Tech Electronics LTD
GPLM358 ETL-GPLM358 Datasheet
226Kb / 4P
   D U A L O P E R A T II O N A L A MP LII F II ER
logo
List of Unclassifed Man...
L091S562LF ETC2-L091S562LF Datasheet
169Kb / 5P
   MODEL L SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com