Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C1480L Datasheet(PDF) 1 Page - MUSIC Semiconductors

Part # MU9C1480L
Description  TQFP Package Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C1480L Datasheet(HTML) 1 Page - MUSIC Semiconductors

  MU9C1480L Datasheet HTML 1Page - MUSIC Semiconductors MU9C1480L Datasheet HTML 2Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MU9C1480L TQFP Package Option
17 June 1999 Rev. 0
Data Sheet Addendum
DISTINCTIVE CHARACTERISTICS
Ø 1024 x 64-bit CMOS content-addressable
memory (CAM)
Ø 16-bit I/O
Ø Fast 90 ns compare speed
Ø Dual configuration register set for rapid
context switching
Ø 16-bit CAM/RAM segments with MUSIC’s
patented partitioning
Ø /MA and /MM output flags to enable faster
system performance
Ø Readable Device ID
Ø Selectable faster operating mode with no
wait states after a no-match
Ø Validity bit setting accessible from the
Status register
Ø Single cycle reset for Segment Control register
Ø 44-Pin TQFP package
Ø 3.3 Volt operation
APPLICATION BENEFITS
The 1024 x 64-bit LANCAM provides
numerous benefits:
Ø New package saves space
Ø Full CAM features allow all operations to
be masked on a bit-by-bit basis
Ø Expanded powerful instruction set for any
list processing needs
Ø Shiftable comparand and mask registers
assist in proximate matching algorithms
Ø Fully compatible with all MUSIC LANCAM
series, cascadable to any practical length
without performance penalties
LANCAM, the MUSIC logo, and the phrase “MUSIC Semiconductors” are registered trademarks of MUSIC Semiconductors. MUSIC is
a trademark of MUSIC Semiconductors. Certain features of this device are patented under US Patent 5,383,146.
Pinout Diagram
44-pin TQFP
(Top View)
GND
DQ 4
DQ 5
VCC
VCC
TEST 2
GND
GND
DQ6
DQ7
VCC
/MA
/MI
/MF
GND
/RESET
VCC
VCC
TEST1
/E
/W
GND
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11


Similar Part No. - MU9C1480L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C1480L-12DC ETC1-MU9C1480L-12DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-12DI ETC1-MU9C1480L-12DI Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-70DC ETC1-MU9C1480L-70DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-70DI ETC1-MU9C1480L-70DI Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-90DC ETC1-MU9C1480L-90DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results

Similar Description - MU9C1480L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
21-0110 DALLAS-21-0110 Datasheet
55Kb / 2P
   PACKAGE OUTLINE, 32L TQFP, 5x5x1.0mm
logo
SMSC Corporation
48TQFP SMSC-48TQFP Datasheet
377Kb / 1P
   48 PIN TQFP/TQN PACKAGE OUTLINE
logo
Maxim Integrated Produc...
21-0146A MAXIM-21-0146A Datasheet
40Kb / 1P
   PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
logo
Future Technology Devic...
NERO-NP1 FTDI-NERO-NP1 Datasheet
820Kb / 18P
   16MHz ATmega328 32-pin TQFP package microcontroller.
logo
Texas Instruments
TPS51631A TI1-TPS51631A Datasheet
611Kb / 5P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS51632-Q1 TI1-TPS51632-Q1 Datasheet
767Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65178 TI1-TPS65178 Datasheet
708Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS51633 TI1-TPS51633 Datasheet
614Kb / 6P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53631 TI1-TPS53631 Datasheet
743Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65149 TI1-TPS65149 Datasheet
158Kb / 7P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com