Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8805A-33Y5P Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # APE8805A-33Y5P
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805A-33Y5P Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

  APE8805A-33Y5P Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8805A-33Y5P Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805A-33Y5P Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805A-33Y5P Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805A-33Y5P Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805A-33Y5P Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805A-33Y5P Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
APE8805A
Outline Information
SOT-23-5 Package (Unit: mm)
DIMENSION IN MILLIMETER
SYMBOLS UNIT
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
---
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.50
1.60
1.80
e
---
1.90(TYP)
---
H
2.60
2.80
3.00
L
0.37
---
---
θ1
e1
---
0.95(TYP)
---
Note 1:Package Body Sizes Exclude Mold Flash Protrusions
or Gate Burrs.
Note 2:Tolerance ± 0.1000 mm(4mil) Unless Otherwise Spe-
cified.
Note 3:Coplanarity:0.1000 mm
Note 4:Dimension L Is Measured in Gage plane.
Advanced Power
Electronics Corp.


Similar Part No. - APE8805A-33Y5P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
More results

Similar Description - APE8805A-33Y5P

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
   600mA Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com