Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8805A-30Y5P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE8805A-30Y5P
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805A-30Y5P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE8805A-30Y5P Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8805A-30Y5P Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805A-30Y5P Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805A-30Y5P Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805A-30Y5P Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805A-30Y5P Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805A-30Y5P Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data and specifications subject to change without notice.
200926065-1/7
APE8805A
600mA Low Dropout Linear
Regulator with Shutdown
Pin Assignments
SOT-23-5 Package
2
1
3
54
TOP VIEW
1. VIN
2. GND
3. SHDN
4. BP
5. VOUT
Figure 1. Pin Assignment of
APE8805A
Ordering Information
SOT-23-5 Marking
Part Number
Product
Code
Part Number
Product
Code
APE8805A-15Y5P
Fi
APE8805A-28Y5P
Fn
APE8805A-18Y5P
Fk
APE8805A-30Y5P
Fr
APE8805A-25Y5P
Fm
APE8805A-33Y5P
Fs
Description
The
APE8805A is a low dropout, positive linear regu-
lator with very low quiescent current. The
APE8805A
can supply 600mA output current with low dropout
voltage at about 600mV. The BP pin with a 10nF
bypass capacitor can help reduce the output noise
level. The shutdown function can provide remote
control for the external signal to decide the on/off
state of
APE8805A. With a logic high level at SHDN
pin, the device is in the on state, and vice versa.
The
APE8805A regulator is able to operate with output
capacitors as small as 1µF for stability. Other than
the current limit protection,
APE8805A also offers the
on chip thermal shutdown feature providing protection
against overload or any condition when the ambient
temperature exceeds the maximum junction tempe-
rature.
The
APE8805A offers high precision output voltage of
± 2%. It is available in fixed output voltages including
1.5V, 1.8V, 2.5V, 2.8V, 3.0V, and 3.3V.
The
APE8805A is housed in low-profile, space-saving
5-lead SOT-23-5 package.
Features
● Low Dropout Voltage of 600mV at 600mA
● Guaranteed 600mA Output Current
● Very Low Quiescent Current at 30µA
● Max.
± 2% Output Voltage Accuracy
● Needs Only 1µF Capacitor for Stability
● Thermal Shutdown Protection
● Current Limit Protection
● Active Low Shutdown Control
● Low-ESR Ceramic Capacitor for Output Stability.
● Tiny package: SOT-23-5
● RoHS Compliant
Applications
● DSC
● Wireless Devices
● LCD Modules
● Battery Power Systems
● Card Readers
● PDA
P: Pb Free with Commercial
Standard (RoHS Compliant)
Output Voltage
15: 1.5V
28: 2.8V
18: 1.8V
30: 3.0V
25: 2.5V
33: 3.3V
APE8805A-□□□
Package Type
Y5: SOT-23-5
Advanced Power
Electronics Corp.


Similar Part No. - APE8805A-30Y5P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
More results

Similar Description - APE8805A-30Y5P

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
   600mA Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com