Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAK2D561MEL Datasheet(PDF) 2 Page - Nichicon corporation

Part # LAK2D561MEL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAK2D561MEL Datasheet(HTML) 2 Page - Nichicon corporation

  LAK2D561MEL Datasheet HTML 1Page - Nichicon corporation LAK2D561MEL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
AK
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated Ripple (Arms) at 105°C 120Hz
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
22
22
× 20
0.35
22
× 20
0.50
22
× 25
0.70
22
× 25
0.74
22
× 30
0.90
22
× 30
1.05
22
× 35
1.20
22
× 40
1.30
22
× 45
1.50
25
25
× 20
0.65
25
× 25
0.85
25
× 30
1.05
25
× 30
1.20
25
× 35
1.30
25
× 40
1.50
25
× 50
1.70
30
30
× 20
0.70
30
× 25
1.05
30
× 25
1.20
30
× 25
1.35
30
× 35
1.55
30
× 40
1.70
30
× 45
1.99
30
× 50
2.10
35
35
× 20
1.10
35
× 25
1.55
35
× 30
1.70
35
× 35
1.99
35
× 40
2.10
35
× 50
2.30
22
22
× 20
0.22
22
× 20
0.30
22
× 25
0.35
22
× 25
0.38
22
× 25
0.40
22
× 30
0.50
22
× 35
0.55
22
× 40
0.60
22
× 45
0.70
22
× 50
0.80
25
25
× 20
0.35
25
× 20
0.38
25
× 25
0.45
25
× 25
0.50
25
× 30
0.53
25
× 30
0.60
25
× 35
0.70
25
× 40
0.80
25
× 45
0.90
30
30
× 20
0.40
30
× 20
0.50
30
× 20
0.50
30
× 25
0.53
30
× 25
0.60
30
× 30
0.70
30
× 30
0.80
30
× 35
0.90
30
× 40
0.98
30
× 50
1.21
35
35
× 20
0.55
35
× 25
0.70
35
× 25
0.80
35
× 30
0.90
35
× 35
0.96
35
× 40
1.21
35
× 45
1.32
35
× 50
1.45
22
22
× 25
0.25
22
× 25
0.35
22
× 25
0.38
22
× 30
0.45
22
× 35
0.64
22
× 40
0.69
22
× 45
0.75
25
25
× 25
0.45
25
× 30
0.64
25
× 30
0.69
25
× 35
0.75
25
× 40
0.82
25
× 45
0.90
30
30
× 25
0.69
30
× 30
0.75
30
× 30
0.82
30
× 35
0.90
30
× 40
1.00
30
× 45
1.10
35
35
× 25
0.75
35
× 25
0.82
35
× 30
0.90
35
× 35
1.00
35
× 40
1.10
35
× 45
1.20
Rated
ripple
200V (2D)
400V (2G)
420V (W6)
V(Code)
φD
Code
Cap.(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
200V
400 420V
Coefficient
50
0.85
0.88
60
0.88
0.90
120
1.00
1.00
1k
1.15
1.10
10k~
1.20
1.15
Case size
φD × L (mm)


Similar Part No. - LAK2D561MEL

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LAK-3130-109 CONTRINEX-LAK-3130-109 Datasheet
159Kb / 2P
   Photoelektrischer N채herungsschalter
LAK-3130-119 CONTRINEX-LAK-3130-119 Datasheet
160Kb / 2P
   Photoelektrischer N채herungsschalter
logo
Siemens Semiconductor G...
LAK376-RU SIEMENS-LAK376-RU Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LAK376-S SIEMENS-LAK376-S Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LAK376-SV SIEMENS-LAK376-SV Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results

Similar Description - LAK2D561MEL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com