Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

68K1MSI-7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 68K1MSI-7
Description  Low Power 1M (128Kx8)-Bits Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

68K1MSI-7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  68K1MSI-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers 68K1MSI-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2003-REV 090
TIWIN Semiconductor
• www.tiwin.com.tw • Tel :(886)-3 -5636031 • Fax:(886)-3-5644823 17
T68 K/S/R 1M
Power Dissipation
Part Number
VCC Range
Speed
Operating
Temperature
Operating
(ICC2, Max.)
Standby
(ISB1, Max.)
Package
Type
T68K1MGI -7/-8
SOP-32
T68K1MTI -7/-8
TSOP -32
68K1MSI -7/-8
STSOP-32
T68K1MBI -7/-8
BGA-36
T68K1MDI -7/-8
2.7V~3.6V
20mA
3uA
Dice
T68S1MGI -7/-8
SOP-32
T68S1MTI -7/-8
TSOP -32
T68S1MSI -7/-8
STSOP-32
T68S1MBI -7/-8
BGA-36
T68S1MDI -7/-8
2.2V~2.7V
70ns / 85ns
20mA
3uA
Dice
T68R1MGI -8/-10
SOP-32
T68R1MTI -8/-10
TSOP -32
T68R1MSI -8/-10
STSOP-32
T68R1MBI -8/-10
BGA-36
T68R1MDI -8/-10
1.65V~2.2V
85ns / 100ns
Industrial
(-40
o
C~+85
o
C)
15mA
2uA
Dice


Similar Description - 68K1MSI-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com