Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6507PWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507PWRG4
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507PWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TCA6507PWRG4 Datasheet HTML 1Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 2Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 3Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 4Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 5Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 6Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 7Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 8Page - Texas Instruments TCA6507PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
I C Bus
Control
2
Select2
Register
LED
Intensity
Control
Fade/
Intensity
Control
Registers
Oscillator
Shut
Down
Glitch
Filters
P6–P0
EN
SCL
SDA
Power-On
Reset
V
CC
Select0
Register
PWMALD
PWM0
Select1
Register
PWM1
BRIGHT_F0
BRIGHT_F1
Logic 0
Logic 1
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
TERMINAL FUNCTIONS
BALL
PIN NO.
POSITION
NAME
DESCRIPTION
BGA
QFN
TSSOP
(ZXU)
(RUE)
(PW)
A1
5
5
GND
Ground
A2
3
3
SDA
Serial data bus. Connect to VCC through a pullup resistor.
A3
2
2
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
Supply voltage of I2C registers, oscillator and control logic. Connect directly to
A4
1
1
VCC
VCC of the external I
2C master. Provides voltage-level translation.
B3
6
8
P0
P-port output 0. Open-drain design structure.
C1
7
9
P1
P-port output 1. Open-drain design structure.
B1
8
10
P2
P-port output 2. Open-drain design structure.
C2
9
11
P3
P-port output 3. Open-drain design structure.
C3
10
12
P4
P-port output 4. Open-drain design structure.
C4
11
13
P5
P-port output 5. Open-drain design structure.
B4
12
14
P6
P-port output 6. Open-drain design structure.
Enable input. If set to low, it puts the TCA6507 in shutdown mode and resets the
B2
4
4
EN
internal registers and I2C/SMBus state machine to their default states
FUNCTIONAL BLOCK DIAGRAM
Figure 1. TCA6507 Functional Block Diagram
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TCA6507


Similar Part No. - TCA6507PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507PWRG4 TI-TCA6507PWRG4 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWRG4 TI1-TCA6507PWRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
More results

Similar Description - TCA6507PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com