Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAKW6470MEL Datasheet(PDF) 1 Page - Nichicon corporation

Part # LAKW6470MEL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAKW6470MEL Datasheet(HTML) 1 Page - Nichicon corporation

  LAKW6470MEL Datasheet HTML 1Page - Nichicon corporation LAKW6470MEL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
10±0.1
2-2f±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
L
1
A
2
K
3
2
4
D
5
6
6
8
7
1
8
M
9
E
10
L
11
A
12
5
13
0
14 15 16
Configuration
Case dia. code
Case length code
Bottom Plate
Rated Capacitance (680µF)
Rated voltage (200V)
Series name
Type
fD
22
25
30
35
Code
Z
A
B
C
ZB
code less
With Bottom
Plate
Without
Bottom Plate
Capacitance tolerance (±20%)
Polarity bar
10
2
4.0±0.5
Bottom plate
(code ZB only)
Pressure relief vent
Sleeve (P.E.T.)
Please contact to us if other configurations are required.
ALUMINUM ELECTROLYTIC CAPACITORS
AK
series
Snap-in Terminal Type, Permissible Abnormal Voltage,
Wide Temperature Range
Withstanding 2000 hours application of rated ripple current at 105°C.
Extended voltage range at 200V, 400V and 420V.
Improved safety features for abnormally excessive voltage.
Ideally suited for the equipment used at voltage fluctuating area.
Adapted to the RoHS directive (2002/95/EC).
Drawing
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Performance Characteristics
Item
25 ~ +105°C
200 400 420V
33 ~ 1200µF
± 20% at 120Hz, 20°C
Printed with white color letter on black sleeve
After an application of DC voltage (in the range of rated
DC voltage even after over-lapping the specified ripple
current) for 2000 hours at 105°C, capacitors meet
the characteristic requirements listed at right.
After storing the capacitors under no load at 105°C for 1000
hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the requirements
listed at right.
Type numbering system (Example : 200V 680µF)
AK
AQ
Smaller
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
0.20MAX. 120Hz 20°C
Rated voltage(V)
Impedance ratio (MAX)
Z 25°C/Z+20°C
200
8
400 420
8
Measurement frequency : 120Hz
The pressure relief vent will operate in normal conditions, with no dangerous conditions such as flames, ignitions or dispersion of pieces of the capacitor and/or case.
rating
Voltage (V)
200
400
420
Capacitance (µF)
330
C < 330
330
C < 470
470
C < 470
330
C < 100
100
C < 220
220
C < 470
330
C < 100
100
C < 220
220
C < 470
Limited DC current
Test voltage
4 A
5 A
7 A
2 A
4 A
7 A
2 A
4 A
7 A
300VDC and 375VDC
500VDC and 600VDC
520VDC and 630VDC
test conditions
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
3 CV
Minimum order quantity : 50pcs.
Dimension table in next page.


Similar Part No. - LAKW6470MEL

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LAK-3130-109 CONTRINEX-LAK-3130-109 Datasheet
159Kb / 2P
   Photoelektrischer N채herungsschalter
LAK-3130-119 CONTRINEX-LAK-3130-119 Datasheet
160Kb / 2P
   Photoelektrischer N채herungsschalter
logo
Siemens Semiconductor G...
LAK376-RU SIEMENS-LAK376-RU Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LAK376-S SIEMENS-LAK376-S Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LAK376-SV SIEMENS-LAK376-SV Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results

Similar Description - LAKW6470MEL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com