Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JJLOE707MSE Datasheet(PDF) 1 Page - Nichicon corporation

Part # JJLOE707MSE
Description  ELECTRIC DOUBLE LAYER CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

JJLOE707MSE Datasheet(HTML) 1 Page - Nichicon corporation

  JJLOE707MSE Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Performance Characteristics
ELECTRIC DOUBLE LAYER CAPACITORS "EVerCAP "
Within ±30% of initial value
Capacitance change
JL
series
Screw Terminal Type, High Power Density Type
High power density.
Rapid charge-discharge.
Suitable for regeneretion and UPS applications.
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 2.5V 400F)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 25 ~ + 60°C
2.5V
400 ~ 2600F
See Note
± 20% (20°C)
Printed with white color letter on black sleeve.
Capacitance (– 25°C) / Capacitance (+20°C)
×100 70% DCR (–25°C) / DCR (+20°C) 7
DCR
*
Refer to the list below. (20°C)
*DC internal resistance
After an application of DC voltage for 2000 hours at 60°C,
capacitors meet the characteristic requirements listed at right.
After storing the capacitors under no load at 60°C for
2000 hours, they will meet the characteristic
requirements listed at right.
Specifications
Pressure relief vent
29
±1
24
7
+
Sleeve
Bottom plate
6
±1
Hexagenal headed bolt (M5)
L+3MAX.
15
±0.5
10
Pressure relief vent
A ±2
120
°
Sleeve
Bottom plate
Hexagenal headed bolt
P ±2
T
U
L+ MAX.
H
± 1
±1
h
Pressure relief vent
30
°
U
S
φ 35
φ 40 and larger
DCR
300% or less of initial specified value
Capacitance change
DCR
Within ±30% of initial value
300% or less of initial specified value
J
1
J
2
L
3
0
4
E
5
4
6
0
7
7
8
M
9
S
10
EC
11
12
13 14
Capacitance tolerance (
±20%)
Case dia. code
(
φ35)
Mounting bracket
φD
Rated Capacitance (400F)
Rated voltage (2.5V)
Series name
Type
35
40
51
Code less
BN
2-leg brackets
No brackets
63.5
C
D
F
G
Code
Code less
BB
BN
3-leg brackets
2-leg brackets
No bracket
(
φ51,φ63.5)
(
φ35,φ40)
Configuration
Configuration
Cr ( III) Plating
(RoHS compliant)
SE
Note :
To calculate capacitance, the capacitor must be charged at the rated
voltage of 2.5V for 30 minutes. Measure the time of duration
∆T (sec.) it
takes go from 2V to 1V when a constant current discharge of i (A) = 0.01
×
nominal capacitance is carried out. It is then possible to calculate
capacitance based on the calculation provided below.
Capacitance (F) = I
× ∆T
Dimensions
Dimensions of terminal pitch(W) and length(R) and Normal dia. of bolt (mm)
Dimensions of mounting bracket
400
550
650
700
850
1500
1600
2600
2.5V
(0E)
407
557
657
707
857
158
168
268
7
5
4
4
3
2
2
1
Cap.
( F)
Rated
Voltage
( Code )
DCR
(m
Ω)
Cap.
code
35
40
51
63.5
85
130
105
160
135
210
105
210
135
250
135
450
150
500
150
800
φ D
Case size
φ D × L (mm)
Weight
(g)
L
φ D
40
51
63.5
W
18.8
22.0
28.6
R
9
10
10
α
3
3
3
Nominal of bolt
M6
M6
M6
3-Legs
2-Legs
P
A
T
S
U
θ°
H
h
Symbol
φD
Leg shape
(mm)
51
32.5
38.5
7.5
5.0
12.5
60.5
20.5
15.5
63.5
38.1
43.5
8.0
5.0
14.5
60.5
25.5
20.5
40
27.5
32.5
7.0
3.5
10.5
45.5
17.5
12.5
51
33.2
40
6.0
4.5
14
30
25
15
63.5
40.5
46.5
7.0
4.5
14
30
35
20
JL
JC
High Power
Density
CAT.8100V


Similar Part No. - JJLOE707MSE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJL NICHICON-JJL Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJL0E158MSECBB NICHICON-JJL0E158MSECBB Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJL0E158MSECBN NICHICON-JJL0E158MSECBN Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJL0E158MSEDBB NICHICON-JJL0E158MSEDBB Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJL0E158MSEDBN NICHICON-JJL0E158MSEDBN Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
More results

Similar Description - JJLOE707MSE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.7DMC4.7FMEFC10X23 RUBYCON-2.7DMC4.7FMEFC10X23 Datasheet
163Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB50M18X40 RUBYCON-2.5DMB50M18X40 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com