Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T68K1MDC-8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # T68K1MDC-8
Description  Low Power 1M (128Kx8)-Bits Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T68K1MDC-8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button T68K1MDC-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers T68K1MDC-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2003-REV 090
TIWIN Semiconductor
• www.tiwin.com.tw • Tel :(886)-3 -5636031 • Fax:(886)-3-5644823
20
T68 K/S/R 1M
Mode
/CE1
CE2
/WE
/OE
I/O1~8
Power
Deselected
H
X
(1)
X
X
High-Z
Standby
Deselected
X
L
X
X
High-Z
Standby
Write
L
H
L
X
Input
Active
Read
L
H
H
L
Output
Active
Output Disabled
L
H
H
H
High-Z
Active
1. ’X’ means don’t care. Must be in high or low state.
Symbol
Parameter
Rating
Unit
-0.5 ~ Vcc.max+1V
(2)
V
VCC
Power Supply Voltage (to VSS)
-0.5 ~ Vcc.max+0.3V
(3)
V
-0.5 ~ Vcc+0.5V
(2)
V
VIN/VOUT Input / Output Voltage
-0.5 ~ Vcc+0.3V
(3)
V
IOUT
Output Current into Outputs (LOW)
20
mA
PD
Power Dissipation
1.0
W
TSTG
Storage Temperature
-65 ~ +150
O
C
TSOLDER
Soldering Temperature and Time
260
O
C , 10sec (Lead Only)
C-Grade
0 ~ 70
E-Grade
-25 ~ 85
TA
Operating Temperature
I-Grade
-40 ~ 85
O
C
1. Stresses greater than those listed in the Absolute Maximum Ratings table may cause permanent damage
to the device.Functional operation should be restricted to recommended operating condition. Exposure to
absolute maximum ratings conditions for extended periods may affect reliability.
2. For K and S family.
3. For R family.
¢
TRUTH TABLE
¢ ABSOLUTE MAXINUM RATINGS
(1)


Similar Part No. - T68K1MDC-8

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
   T68 Artificial Graphite Sheet
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801 ATMEL-T6801 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
T6801-TAQ ATMEL-T6801-TAQ Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801-TAQY ATMEL-T6801-TAQY Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
More results

Similar Description - T68K1MDC-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com