Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UKZ1E330MPM Datasheet(PDF) 1 Page - Nichicon corporation

Part # UKZ1E330MPM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKZ1E330MPM Datasheet(HTML) 1 Page - Nichicon corporation

  UKZ1E330MPM Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
K
2
Z
3
1
4
E
5
1
6
0
7
1
8
M
9
P
10
M
11
Configuration
Capacitance tolerance
(±20%)
Rated Capacitance (100µF)
Rated voltage (25V)
Series name
Type
BD
8á10
PM
12.5 ~ 18
HM
Code
Pressure
relief vent
BD
P
8
3.5
10
5.0
12.5
5.0
16
7.5
18
7.5
L+ MAX.
15MIN
4MIN
Sleeve (P.E.T.)
B 0.8 tinned copper wire
(mm)
Premium grade “nichicon MUSE” acoustic series.
Ideally suited for first class audio equipment where qualitative and quantitative
comfortableness is required.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 25V 100µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
25 ~ 100V
10 ~ 1000µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is 0.01CV or less.
Printed with gold color letter on black sleeve.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
KZ
series
Premium Grade Type, For Audio Equipment
KZ
High Grade
Dimensions
φ D × L (mm)
tan
δ (MAX.)
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage
at 85°C, capacitors meet the characteristic
requirements listed at right.
Rated voltage (V)
25
0.12
50
0.08
100
0.07
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
25
2
4
50
2
3
100
2
3
Capacitance change
Leakage Current
tan
δ
Within ±20% of initial value
150% or less of initial specified value
Initial specified value or less
Measurement frequency : 120Hz, Temperature : 20°C
FG
25
50
100
1E
1H
2A
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
16
× 35.5
18
× 40
10
× 16
10
× 20
12.5
× 20
16
× 25
16
× 35.5
18
× 35.5
10
100
22
220
33
330
47
470
1000
101
2200
3300
4700
100000
221
331
471
102
V
Code
Cap.(µF)
α
(
φD < 10) 1.0
(
φD 10) 1.5
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UKZ1E330MPM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UKZ1E330MPM NICHICON-UKZ1E330MPM Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UKZ1E330MPM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com