Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS8133 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS8133
Description  TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8133 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS8133 Datasheet HTML 3Page - Texas Instruments THS8133 Datasheet HTML 4Page - Texas Instruments THS8133 Datasheet HTML 5Page - Texas Instruments THS8133 Datasheet HTML 6Page - Texas Instruments THS8133 Datasheet HTML 7Page - Texas Instruments THS8133 Datasheet HTML 8Page - Texas Instruments THS8133 Datasheet HTML 9Page - Texas Instruments THS8133 Datasheet HTML 10Page - Texas Instruments THS8133 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
THS8133, THS8133A, THS8133B
TRIPLE 10BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRILEVEL SYNC GENERATION
SLVS204C − APRIL 1999 − REVISED SEPTEMBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
programming example (continued)
First registered sample on GYr[9−0] after L-
>H
on BLANK is interpreted as Pb[9−0]
T0
T1
T2
T3
T4
T5
T6
T7
T8
Pb(0)
Y(0)
Pr(0)
Y(2)
Pb(4)
Y(4)
Pr(4)
Y(6)
Pb(8)
RPr[9−0]
ARPr, AGY,
ABPb output
corresponding
to Pr(0),
Y(0), Pb(0)
data path latency = 9 CLK cycles
Pb(0)
registered
T9
Y(8)
GY[9−0]
BPb[9−0]
BLANK
Y(0)
registered
Pr(8)
T10
Pr(0)
registered
Figure 5. Input Format and Latency YPbPr 4:2:2 1
×10 Bit Mode
sync generation
Additional control inputs SYNC and SYNC_T enable the superposition of an additional current onto the AGY
channel or on all three channels, depending on the setting of INS3_INT. By combining the SYNC and SYNC_T
control inputs, either bi-level negative going pulses or tri-level pulses can be generated. Depending on the timing
controls for these signals, both horizontal and vertical sync signals can be generated. Assertion of SYNC (active
low) will identify the sync period, while assertion of SYNC_T (active high) within this period will identify the
positive excursion of a tri-level sync.
Refer to the application information section for practical examples on the use of these control inputs for sync
generation.
blanking generation
An additional control input BLANK is provided that will fix the output amplitude on all channels to the blanking
level, irrespective of the value on the data input ports. However, sync generation has precedence over blanking;
that is, if SYNC is low, the level of BLANK is don’t care. The absolute amplitude of the blanking level with respect
to active video is determined by the GBR or YPbPr operation mode of the device. Refer to the application
information section for practical examples on the use of this control input for blank generation.
Figure 6 shows how to control SYNC, SYNC_T, and BLANK signals to generate tri-level sync levels and blanking
at the DAC output. A bi-level (negative) sync is generated similarly by avoiding the positive transition on
SYNC_T during SYNC low.


Similar Part No. - THS8133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133ATQFP TI-THS8133ATQFP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133BCPHP TI-THS8133BCPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8135 TI-THS8135 Datasheet
342Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com