Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS8133 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS8133
Description  TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8133 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS8133_07 Datasheet HTML 6Page - Texas Instruments THS8133_07 Datasheet HTML 7Page - Texas Instruments THS8133_07 Datasheet HTML 8Page - Texas Instruments THS8133_07 Datasheet HTML 9Page - Texas Instruments THS8133_07 Datasheet HTML 10Page - Texas Instruments THS8133_07 Datasheet HTML 11Page - Texas Instruments THS8133_07 Datasheet HTML 12Page - Texas Instruments THS8133_07 Datasheet HTML 13Page - Texas Instruments THS8133_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
THS8133, THS8133A, THS8133B
TRIPLE 10BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRILEVEL SYNC GENERATION
SLVS204C − APRIL 1999 − REVISED SEPTEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions over operating free-air temperature range, TA (continued)
digital and reference inputs
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
DVDD = 3.3 V
2
DVDD
V
High-level input voltage, VIH
DVDD = 5 V
2.4
DVDD
V
Low−level input voltage, VIL
DVSS
0.8
V
Clock frequency, fclk
0
80
MHz
Pulse duration, clock high, tw(CLKH)
5
ns
Pulse duration, clock low, tw(CLKL)
5
ns
Reference input voltage,† Vref(I) (see Note 3)
1.35
1.62
V
FSADJ resistor, R(FS) (see Note 3)
360
430
† Voltage reference input applies to the externally applied voltage (overdrive condition). Internally a 2 kΩ resistor isolates the internal reference
from the externally applied voltage, if any.
NOTE 3: The combination of Vref and RFS can be chosen at will as long as the maximum full-scale DAC output current I(FS) does not exceed 120%
of its nominal value. Therefore, at fixed R(FS) = R(FSnom), Vref should not be higher than the maximum value mentioned and at fixed
Vref = Vref(nom), R(FS) should not be less than the minimum value mentioned.
electrical characteristics over recommended operating conditions with fCLK = 80 MSPS and use
of internal reference voltage Vref, with R(FS) = R(FSnom) (unless otherwise noted)
power supply (1 MHz, −1 dBFS digital sine simultaneously applied to all 3 channels)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Operating supply current
AVDD = DVDD = 5 V
134
142
mA
IDD
Operating supply current
AVDD = 5 V, DVDD = 3.3
114
121
mA
PD
Power dissipation
AVDD = DVDD = 5 V
670
710
mW
PD
Power dissipation
AVDD = 5 V, DVDD = 3.3
525
565
mW
digital inputs − dc characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
AV
= DV
= 5 V
1
µA
IIL
Low-level input current
AVDD = DVDD = 5 V
Digital inputs and CLK at 0 V for IIL;
−1
µA
IIL(CLK)
Low-level input current, CLK
DD
DD
Digital inputs and CLK at 0 V for IIL;
Digital inputs and CLK at 5 V for IIH
−1
1
A
IIH(CLK)
High-level input current, CLK
Digital inputs and CLK at 5 V for IIH
−1
1
µA
CI
Input capacitance
TA = 25_C
7
pF
ts
Data and control inputs setup time
3
ns
tH
Data and control inputs hold time
0
ns
Digital process delay from first registered color
RGB and YPbPr 4:4:4
7
CLK
td(D)
Digital process delay from first registered color
component of pixel‡ (see Figures 3−5)
YPbPr 4:2:2 2
×10 bit
8
CLK
periods
td(D)
component of pixel‡ (see Figures 3−5)
YPbPr 4:2:2 1
×10 bit
9
periods
‡ This parameter is assured by design and not production tested. The digital process delay is defined as the number of CLK cycles required for
the first registered color component of a pixel, starting from the time of registering it on the input bus, to propagate through all processing and
appear at the DAC output drivers. The remaining delay through the IC is the analog delay td(A) of the analog output drivers.


Similar Part No. - THS8133_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133A TI-THS8133A Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133ATQFP TI-THS8133ATQFP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133BCPHP TI-THS8133BCPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133CPHP TI-THS8133CPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8133_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8135 TI-THS8135 Datasheet
342Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com