Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS8133 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS8133
Description  TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8133 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS8133_07 Datasheet HTML 5Page - Texas Instruments THS8133_07 Datasheet HTML 6Page - Texas Instruments THS8133_07 Datasheet HTML 7Page - Texas Instruments THS8133_07 Datasheet HTML 8Page - Texas Instruments THS8133_07 Datasheet HTML 9Page - Texas Instruments THS8133_07 Datasheet HTML 10Page - Texas Instruments THS8133_07 Datasheet HTML 11Page - Texas Instruments THS8133_07 Datasheet HTML 12Page - Texas Instruments THS8133_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
THS8133, THS8133A, THS8133B
TRIPLE 10BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRILEVEL SYNC GENERATION
SLVS204C − APRIL 1999 − REVISED SEPTEMBER 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
output amplitude control (continued)
The exact relationship between RFS and the current drive level on each channel is dependent on the operation
mode of the device (see Table 4). In GBR mode, the output drive is identical on the three channels, while in
YPbPr mode, a level shift is implemented on Pb and Pr channels. Refer to the application information section
for details on the current drive levels in each mode.
The device has an internal voltage reference derived from a bandgap reference of 1.35 V. The relationship
between the full-scale current drive level and RFS is given by:
IFS [A] = α x VREF [V] ÷ RFS [Ω]
where
α is dependent on the operation mode of the device.
Typical operation modes are shown in Table 4 for the nominal RFS value. This value will produce the full-scale
current levels mentioned in Table 4 and, when terminated, voltages of standard video levels, as shown in the
applications section. The resistor value is variable provided the maximum current level on each of the DAC
outputs is not exceeded.
Table 4. THS8133 Nominal Full-Scale Currents
OPERATION MODE
AGY
ARPr
ABPb
OPERATION MODE
DESCRIPTION
M1
M2_INT
INS3_INT
IFS
(mA)
α
IFS
(mA)
α
IFS (mA)
α
GBR with sync-on-green
L
L
L
26.67†
1461/172
18.67‡
1023/172
18.67
1023/172
GBR with sync-on-all
L
L
H
26.67
1461/172
26.67
1461/172
26.67
1461/172
YPbPr with sync-on-Y
(L,H), (H,L) or (HH), ac-
L
26.67
1461/172
18.67
1023/172
18.67
1023/172
YPbPr with sync-on-all
(L,H), (H,L) or (HH), ac-
cording to Tables 1 and 2
H
26.67
1461/172
18.67
1023/172
18.67
1023/172
† IFS = 1461/172 × 1.35/430
‡ IFS = 1023/172 × 1.35/430
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage: AVDD to AVSS, DVDD to DVSS
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD to DVDD, AVSS to DVSS
–0.5 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range to DVSS
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions over operating free-air temperature range, TA
power supply
MIN
NOM
MAX
UNIT
Supply voltage
AVDD
4.75
5
5.25
V
Supply voltage
DVDD
3
3.3/5
5.25
V


Similar Part No. - THS8133_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133A TI-THS8133A Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133ATQFP TI-THS8133ATQFP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133BCPHP TI-THS8133BCPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133CPHP TI-THS8133CPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8133_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8135 TI-THS8135 Datasheet
342Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com